Electronic Components Datasheet Search
  English  ▼

X  

LT6005IDHC Datasheet(PDF) 20 Page - Linear Technology

Part # LT6005IDHC
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005IDHC Datasheet(HTML) 20 Page - Linear Technology

Back Button LT6005IDHC Datasheet HTML 12Page - Linear Technology LT6005IDHC Datasheet HTML 13Page - Linear Technology LT6005IDHC Datasheet HTML 14Page - Linear Technology LT6005IDHC Datasheet HTML 15Page - Linear Technology LT6005IDHC Datasheet HTML 16Page - Linear Technology LT6005IDHC Datasheet HTML 17Page - Linear Technology LT6005IDHC Datasheet HTML 18Page - Linear Technology LT6005IDHC Datasheet HTML 19Page - Linear Technology LT6005IDHC Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT6003/LT6004/LT6005
20
600345f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0906 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1490A/LT1491A 50µA Dual/Quad Over-The-Top
® Rail-to-Rail Input
and Output Op Amps
950µV VOS(MAX), Gain Bandwidth = 200kHz
LT1494/LT1495/
LT1496
1.5µA Max Single/Dual/Quad Over-The-Top
Precision Rail-to-Rail Input and Output Op Amps
375µV VOS(MAX), Gain Bandwidth = 2.7kHz
LT1672/LT1673/
LT1674
2µA Max, AV ≥ 5, Single/Dual/Quad Over-The-Top
Precision Rail-to-Rail Input and Output Op Amps
Gain of 5 Stable, Gain Bandwidth = 12kHz
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail
Input and Output Op Amps
SOT-23, 800µV VOS(MAX), IS = 55µA(MAX), Gain Bandwidth = 200kHz,
Shutdown Pin
LT2178/LT2179
17µA Dual/Quad Single Supply Op Amps
120µV VOS(MAX), Gain Bandwidth = 60kHz
LT6000/LT6001/
LT6002
1.8V, 16µA Max Single/Dual/Quad Precision
Rail-to-Rail Op Amps
600µV VOS(MAX), Gain Bandwidth = 50kHz, Shutdown
Over-The-Top is a registered trademark of Linear Technology Corporation.
Gain of –50 Ultra Low Power Precision Gas Sensor Amplifier
VOUT = 500mV
IN AIR
(DURING READ PHASE)
976k*
–
CITY TECHNOLOGY
MODEL 40X(2)
OXYGEN SENSOR
BURNS 100
µA IN AIR
(~21% O2)
OXYGEN SENSOR
+
20k
S3
A
A
B
B
N
N
S2
S1
GAIN = –50
VOS = 5µV TYPICAL (INPUT REFERRED), AVERAGED
ISUPPLY = 3µA
VSUPPLY = ±0.9V TO ±2.7V
S1, S2: FAIRCHILD FSA1157 (NC)
S3:
FAIRCHILD FSA1156 (NO)
CONNECT SWITCH GND PINS TO VS
–
*20M FOR AV = 1000
S1, S2 ARE NORMALLY CLOSED (N = LOW). S3 IS NORMALLY OPEN (N = LOW). A1's OUTPUT OFFSET IS STORED ON C1.
WHEN A READING IS DESIRED, SWITCHES REVERSE STATE, AND A2 ACTS AS A DIFFERENCE AMPLIFIER FROM THE STORED
OFFSET. NULL PHASE SHOULD BE ASSERTED 200ms OR MORE. A2 SETTLES 50ms AFTER READ PHASE IS ASSERTED, WITH
WORST CASE ROOM TEMPERATURE DROOP RATE IS 0.8
µV/ms DOMINATED BY ANALOG SWITCH LEAKAGE CURRENT.
C1
0.1
µF
X7R
VS
+
VS
+
VS
–
100
Ω
600345 TA02
A1
1/2 LT6004
1M
1%
NULL
READ
1M
1%
20k
A2
1/2 LT6004
1M
1%
1M
1%
BA
N
VS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com