Electronic Components Datasheet Search
  English  ▼

X  

LT6005IDHC Datasheet(PDF) 4 Page - Linear Technology

Part # LT6005IDHC
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005IDHC Datasheet(HTML) 4 Page - Linear Technology

  LT6005IDHC Datasheet HTML 1Page - Linear Technology LT6005IDHC Datasheet HTML 2Page - Linear Technology LT6005IDHC Datasheet HTML 3Page - Linear Technology LT6005IDHC Datasheet HTML 4Page - Linear Technology LT6005IDHC Datasheet HTML 5Page - Linear Technology LT6005IDHC Datasheet HTML 6Page - Linear Technology LT6005IDHC Datasheet HTML 7Page - Linear Technology LT6005IDHC Datasheet HTML 8Page - Linear Technology LT6005IDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT6003/LT6004/LT6005
4
600345f
ELECTRICAL CHARACTERISTICS (LT6003C/I, LT6004C/I, LT6005C/I) The ● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 1.8V, 0V, VCM = 0.5V; VS = 5V, 0V,
VCM = 2.5V, VOUT = half supply, RL to ground, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Noise Voltage
0.1Hz to 10Hz
3
µVP-P
en
Input Noise Voltage Density
f = 100Hz
325
nV/√Hz
in
Input Noise Current Density
f = 100Hz
12
fA/√Hz
RIN
Input Resistance
Differential
Common Mode
10
2000
GΩ
GΩ
CIN
Input Capacitance
6pF
CMRR
Common Mode Rejection Ratio
(Note 7)
VS = 1.8V
VCM = 0V to 0.7V
VCM = 0V to 1.8V, S5, MS8, GN
VCM = 0V to 1.8V, DC, DD, DHC
●
●
●
73
63
60
100
80
78
dB
dB
dB
VS = 5V
VCM = 0V to 3.9V
VCM = 0V to 5V, S5, MS8, GN
VCM = 0V to 5V, DC, DD, DHC
●
●
●
88
72
69
115
90
86
dB
dB
dB
Input Offset Voltage Shift (Note 7)
VCM = 0V to V
+ – 1.1V
VCM = 0V to V
+, S5, MS8, GN
VCM = 0V to V
+, DC, DD, DHC
●
●
●
7
0.16
0.23
155
1.3
1.8
µV
mV
mV
Input Voltage Range
Guaranteed by CMRR
●
0V+
V
PSRR
Power Supply Rejection Ratio
VS = 1.6V to 6V, VCM = 0.5V, 0°C ≤ TA ≤ 70°C
VS = 1.7V to 6V, VCM = 0.5V, –40°C ≤ TA ≤ 85°C
●
●
80
78
95
95
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR, 0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
1.6
1.7
V
V
AVOL
Large Signal Voltage Gain
(Note 7)
VS = 1.8V
RL = 20kΩ, VOUT = 0.25V to 1.25V
●
25
15
150
V/mV
V/mV
VS = 5V
RL = 20kΩ, VOUT = 0.25V to 4.25V
●
100
60
500
V/mV
V/mV
VOL
Output Swing Low (Notes 6, 8)
No Load
ISINK = 100µA
●
●
15
110
50
240
mV
mV
VOH
Output Swing High (Notes 6, 9)
No Load
ISOURCE = 100µA
●
●
45
200
100
350
mV
mV
ISC
Short Circuit Current (Note 8)
Short to GND
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
2
1.5
0.5
5mA
mA
mA
Short to V+
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
2
1.5
0.5
7mA
mA
mA
IS
Supply Current per Amplifier
VS = 1.8V
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
0.85
1
1.4
1.6
µA
µA
µA
VS = 5V
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
1
1.2
1.6
1.9
µA
µA
µA
GBW
Gain Bandwidth Product
f = 100Hz
2
kHz
SR
Slew Rate (Note 8)
AV = –1, RF = RG = 1MΩ
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
0.55
0.4
0.2
0.8
V/ms
V/ms
V/ms
FPBW
Full Power Bandwidth
VOUT = 1.5VP-P (Note 10)
170
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com