Electronic Components Datasheet Search
  English  ▼

X  

LT6005IDHC Datasheet(PDF) 6 Page - Linear Technology

Part # LT6005IDHC
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005IDHC Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6005IDHC Datasheet HTML 2Page - Linear Technology LT6005IDHC Datasheet HTML 3Page - Linear Technology LT6005IDHC Datasheet HTML 4Page - Linear Technology LT6005IDHC Datasheet HTML 5Page - Linear Technology LT6005IDHC Datasheet HTML 6Page - Linear Technology LT6005IDHC Datasheet HTML 7Page - Linear Technology LT6005IDHC Datasheet HTML 8Page - Linear Technology LT6005IDHC Datasheet HTML 9Page - Linear Technology LT6005IDHC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT6003/LT6004/LT6005
6
600345f
(LT6003C/I, LT6004C/I, LT6005C/I) The ● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±8V, VCM = VOUT = half supply, RL to
ground, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6003S5, LT6004MS8
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
185
600
825
1.05
µV
µV
mV
LT6005GN
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
200
750
1.05
1.25
µV
mV
mV
LT6004DD, LT6005DHC
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
300
950
1.25
1.5
µV
mV
mV
LT6003DC
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
300
1.05
1.4
1.65
mV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift (Note 5)
S5, MS8, GN
DC, DD, DHC
●
●
2
2
5
7
µV/°C
µV/°C
IB
Input Bias Current
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
7
7
100
150
pA
pA
IOS
Input Offset Current
●
790
pA
Input Noise Voltage
0.1Hz to 10Hz
3
µVP-P
en
Input Noise Voltage Density
f = 100Hz
325
nV/√Hz
in
Input Noise Current Density
f = 100Hz
12
fA/√Hz
RIN
Input Resistance
Differential
Common Mode
10
2000
GΩ
GΩ
CIN
Input Capacitance
6pF
CMRR
Common Mode Rejection Ratio
VCM = –8V to 6.9V
VCM = –8V to 8V, S5, MS8, GN
VCM = –8V to 8V, DC, DD, DHC
●
●
●
92
82
78
120
100
96
dB
dB
dB
Input Offset Voltage Shift
VCM = –8V to 6.9V
VCM = –8V to 8V, S5, MS8, GN
VCM = –8V to 8V, DC, DD, DHC
●
●
●
15
0.16
0.25
375
1.3
2
µV
mV
mV
Input Voltage Range
Guaranteed by CMRR
●
–8
8
V
PSRR
Power Supply Rejection Ratio
VS = ±1.1V to ±8V
●
86
105
dB
AVOL
Large Signal Voltage Gain
RL = 100kΩ, VOUT = –7.3V to 7.3V
350
V/mV
VOL
Output Swing Low (Notes 6, 8)
No Load
ISINK = 100µA
●
●
10
105
50
240
mV
mV
VOH
Output Swing High (Notes 6, 9)
No Load
ISOURCE = 100µA
●
●
50
195
120
350
mV
mV
ISC
Short Circuit Current
Short to GND
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
4
3
1
9mA
mA
mA
IS
Supply Current per Amplifier
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
1.25
1.5
1.9
2.2
µA
µA
µA
GBW
Gain Bandwidth Product
f = 100Hz
3
kHz
SR
Slew Rate (Note 8)
AV = –1, RF = RG = 1MΩ
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
●
●
0.55
0.4
0.2
1.3
V/ms
V/ms
V/ms
FPBW
Full Power Bandwidth
VOUT = 14VP-P (Note 10)
30
Hz
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com