Electronic Components Datasheet Search
  English  ▼

X  

XC612 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC612
Description  2-Channel Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC612 Datasheet HTML 3Page - Torex Semiconductor XC612 Datasheet HTML 4Page - Torex Semiconductor XC612 Datasheet HTML 5Page - Torex Semiconductor XC612 Datasheet HTML 6Page - Torex Semiconductor XC612 Datasheet HTML 7Page - Torex Semiconductor XC612 Datasheet HTML 8Page - Torex Semiconductor XC612 Datasheet HTML 9Page - Torex Semiconductor XC612 Datasheet HTML 10Page - Torex Semiconductor XC612 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
XC612
Series
■
NOTES ON USE
1. Please use this IC within the specified maximum absolute ratings.
2. Please ensure that input voltage VIN2 is less than VIN1 + 0.3V. (refer to N.B. 1 below)
3. With a resistor connected between the VIN1 pin and the input, oscillation is liable to occur as a result of through current at
the time of release. (refer to N.B. 2 below)
4. With a resistor connected between the VIN1 pin and the input, detect and release voltage will rise as a result of the IC's
supply current flowing through the VIN1 pin.
5. In order to stabilize the IC's operations, please ensure that the VIN1 pin's input frequency's rise and fall times are more
than 5 msec/V.
6. Should the power supply voltage VIN1 exceed 6V, voltage detector 2's detect voltage (VDF2) and the release voltage
(VDR2) will shift somewhat.
7. For CMOS output products, high level output voltage which is generated when the transient response is released
becomes input voltage of VIN.
●
N.B.
1. Voltage detector 2's input voltage (VIN2)
An input protect diode is connected from input detector 2's input (VIN2) to input detector 1's input. Therefore, should the
voltage applied to VIN2 exceed VIN1, current will flow through VIN1 via the diode. (refer to diagram1)
2. Oscillation as a result of through current
Since the XC612 series are CMOS ICs, through current will flow when the IC's internal circuit switching operates
(during release and detect operations). Consequently, oscillation is liable to occur as a result of drops in voltage at the
through current's resistor (RIN) during release voltage operations. (refer to diagram 2)
Since hysteresis exists during detect operations, oscillation is unlikely to occur.
Diagram 1. Voltage detector 2's input voltage VIN2
Diagram 2. Through current oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com