Electronic Components Datasheet Search
  English  ▼

X  

XC612 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC612
Description  2-Channel Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC612 Datasheet HTML 1Page - Torex Semiconductor XC612 Datasheet HTML 2Page - Torex Semiconductor XC612 Datasheet HTML 3Page - Torex Semiconductor XC612 Datasheet HTML 4Page - Torex Semiconductor XC612 Datasheet HTML 5Page - Torex Semiconductor XC612 Datasheet HTML 6Page - Torex Semiconductor XC612 Datasheet HTML 7Page - Torex Semiconductor XC612 Datasheet HTML 8Page - Torex Semiconductor XC612 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
XC612 Series
PIN NUMBER
PIN NAME
FUNCTION
1
VDET1
Voltage Detector 1 Output
2
VIN1
Detector 1 Input, Power Supply
3
VSS
Ground
4
VIN2
Voltage Detector 2 Input
5
VDET2
Voltage Detector 2 Output
TYPE
VDET1
VDET2
XC612N
N-ch Open Drain
N-ch Open Drain
XC612D
N-ch Open Drain
CMOS
XC612E
CMOS
N-ch Open Drain
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
N
: VDET1/VDET2: N-ch open drain
D
: VDET1: N-ch open drain, VDET2: CMOS
①
Output Configuration
E
: VDET1: CMOS, VDET2: N-ch open drain
②③
Detect Voltage 1 (VDET1)
15~50
: VDET1: 2.5V→②25
④⑤
Detect Voltage 2 (VDET2)
15~50
: VDET2: 3.3V→③33
⑥
Package
M
: SOT-25 (SOT-23-5)
R
: Embossed tape, standard feed
⑦
Device Orientation
L
: Embossed tape, reverse feed
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
●
Ordering Information
XC612①②③④⑤⑥⑦
■
PRODUCT CLASSIFICATION
●
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com