Electronic Components Datasheet Search
  English  ▼

X  

XC612 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC612
Description  2-Channel Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC612 Datasheet HTML 1Page - Torex Semiconductor XC612 Datasheet HTML 2Page - Torex Semiconductor XC612 Datasheet HTML 3Page - Torex Semiconductor XC612 Datasheet HTML 4Page - Torex Semiconductor XC612 Datasheet HTML 5Page - Torex Semiconductor XC612 Datasheet HTML 6Page - Torex Semiconductor XC612 Datasheet HTML 7Page - Torex Semiconductor XC612 Datasheet HTML 8Page - Torex Semiconductor XC612 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
XC612 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VD 1
VIN1
12.0
V
Input Voltage
VD 2
VIN2
12.0
V
VD 1 (N-ch open drain)
VSS – 0.3 ~ 12.0
V
VD 1 (CMOS)
VVDET1
VSS – 0.3 ~ VIN1 + 0.3
V
VD 2 (N-ch open drain)
VSS – 0.3 ~ 12.0
V
Output Voltage
VD 2 (CMOS)
VVDET2
VSS – 0.3 ~ VIN1 + 0.3
V
VD 1
IVDET1
50
mA
Output Current
VD 2
IVDET2
50
mA
Power Dissipation
Pd
150
mW
Operating Temperature Range
Topr
- 30 ~ + 80
℃
Storage Temperature Range
Tstg
- 40 ~ + 125
℃
■
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com