Electronic Components Datasheet Search
  English  ▼

X  

XC612 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC612
Description  2-Channel Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC612 Datasheet HTML 1Page - Torex Semiconductor XC612 Datasheet HTML 2Page - Torex Semiconductor XC612 Datasheet HTML 3Page - Torex Semiconductor XC612 Datasheet HTML 4Page - Torex Semiconductor XC612 Datasheet HTML 5Page - Torex Semiconductor XC612 Datasheet HTML 6Page - Torex Semiconductor XC612 Datasheet HTML 7Page - Torex Semiconductor XC612 Datasheet HTML 8Page - Torex Semiconductor XC612 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
XC612
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUITS
Detect Voltage
(VDET1) (*1)
VDF1
Voltage when VDET1 changes from
H to L following a reduction of VIN1
VDF1
x 0.98
VDF1
VDF1
x 1.02
V
1
Detect Voltage
(VDET2) (*1)
VDF2
Voltage when VDET2 changes from
H to L following a reduction of VIN2
VDF2
x 0.98
VDF2
VDF2
x 1.02
V
1
Hysteresis Range 1
VHYS1
Voltage (VDR1) - VDF1 when VDET1 changes
from L to H following an increase of VIN1
VDF1(T)
x 0.02
VDF1(T)
x 0.05
VDF1(T)
x 0.08
V
1
Hysteresis Range 2
VHYS2
Voltage (VDR2) - VDF2 when VDET2 changes
from L to H following an increase of VIN2
VDF2(T)
x 0.02
VDF2(T)
x 0.05
VDF2(T)
x 0.08
V
1
VIN1 = 1.5V
-
1.35
3.90
VIN1 = 2.0V
-
1.50
4.50
VIN1 = 3.0V
-
1.95
5.10
VIN1 = 4.0V
-
2.40
5.70
Supply Current
(VIN1 Input Current)
ISS
VIN1 = 5.0V
-
3.00
6.30
μ
A
2
VIN2 = 1.5V
-
0.45
1.30
VIN2 = 2.0V
-
0.50
1.50
VIN2 = 3.0V
-
0.65
1.70
VIN2 = 4.0V
-
0.80
1.90
VIN2 Input Current
IIN2
VIN2 = 5.0V
-
1.00
2.10
μ
A
2
Operating Voltage
VIN1
VDF(T) = 1.5V to 6.0V
1.0
-
10
V
-
VIN1 = 1.0V
0.3
2.2
-
VIN1 = 2.0V
3.0
7.7
-
VIN1 = 3.0V
5.0
10.1
-
VIN1 = 4.0V
6.0
11.5
-
N-ch, VDS=0.5V
VIN1 = 5.0V
7.0
13.0
-
Output Current (*3)
IVDET
P-ch (CMOS) VDS=-2.1V
VIN1 = 8.0V
-
-10.0
-2.0
mA
3
Temperature
Characteristics (*3)
Δ
VDF
Δ
Topr・VDF
-30℃ ≦ Topr ≦ 80℃
-
±
100
-
ppm/℃
-
Delay Time (*3)
(Release Voltage→
Output inversion)
tDLY
(VDR→VOUT inversion)
-
-
0.2
ms
5
■
ELECTRICAL CHARACTERISTICS
Ta=25℃
NOTE:
*1 : VDF1(T), VDF2(T) : User specified detect voltage.
*2 : Release voltage (VDR) = VDF +VHYS
*3 : Those parameters marked with an asterisk apply to both VDET1 and VDET2.
*4 : Input Voltage : please ensure that VIN1 > VIN2
(Input voltage of XC612D and XC612E series : please ensure that VIN1 > VIN2, VIN1 < VIN2.)
*5 : VIN1 pin serve both ISS and power supply pin so that VIN2 operates VIN1 as a power supply source. For normal operation of VIN2,
operating voltage higher than the minimum is needed to be applied to power supply pin VIN1.
*6 : For CMOS output products, high level output voltage which is generated when the transient response is released becomes input
voltage of VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com