Electronic Components Datasheet Search
  English  ▼

X  

SFH5400 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5400
Description  Logic Gate Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5400 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5400 Datasheet HTML 1Page - OSRAM GmbH SFH5400 Datasheet HTML 2Page - OSRAM GmbH SFH5400 Datasheet HTML 3Page - OSRAM GmbH SFH5400 Datasheet HTML 4Page - OSRAM GmbH SFH5400 Datasheet HTML 5Page - OSRAM GmbH SFH5400 Datasheet HTML 6Page - OSRAM GmbH SFH5400 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 5400
2004-06-09
3
Ausgangsspannung H
Output voltage H
I
OH = – 2.6 mA
V
OH
V
CC – 1.8
> 2.4
V
Ausgangsleckstrom (
V
O > VCC = 4.5 V)
Output leakage current (
V
O > VCC = 4.5 V)
V
O = 5.5 V
V
O = 15 V
I
OHH
0.2
0.25
< 100
< 500
µA
Kurzschlußstrom L
Short-circuit current L
t
p < 10 ms, Ee = 0;
V
CC = VO = 5.5 V
V
CC = VO = 15 V
I
OSL
40
80
> 25
> 40
mA
Kurzschlußstrom H
Short-circuit current H
t
p < 10 ms, V0 = GND;
V
CC = 5.5 V
V
CC = 15 V
I
OSH
– 22
– 45
< – 10
< – 25
mA
Versorgungsstrom L
Supply current L
E
e = 0;
V
CC = 5.5 V
V
CC = 15 V
I
CCL
3.5
4
< 6
< 7.5
mA
Versorgungsstrom
Supply current L
V
CC = 5.5 V
V
CC = 15 V
I
CCH
3.4
3.8
< 5
< 6
mA
Ausgangsverzögerungszeit
1)
Ausgang H
→ L
Output delay time
1)
Output H
→ L
t
PHL
200
–
ns
Ausgangsverzögerungszeit
1)
Ausgang L
→ H
Output delay time
1)
Output L
→ H
t
PLH
200
–
ns
Kennwerte
Characteristics (cont’d)
TA = – 40 … 85 °C, VCC = 4.5 … 15 V, Ee = 3.2 … 10 mW/cm
2
TA = 25 °C, VCC = 5 V, Ee = 6.5 mW/cm
2 for typical values
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
typ.
Limit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com