Electronic Components Datasheet Search
  English  ▼

X  

SFH5400 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH5400
Description  Logic Gate Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5400 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH5400 Datasheet HTML 1Page - OSRAM GmbH SFH5400 Datasheet HTML 2Page - OSRAM GmbH SFH5400 Datasheet HTML 3Page - OSRAM GmbH SFH5400 Datasheet HTML 4Page - OSRAM GmbH SFH5400 Datasheet HTML 5Page - OSRAM GmbH SFH5400 Datasheet HTML 6Page - OSRAM GmbH SFH5400 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 5400
2004-06-09
5
Output Voltage
V
O = f (VCC, IC)
Output Characteristics
V
oh = f (Ioh), VCC = 5 V
V
OHF00351
CC
0
O
V
0
510
15
5
10
15
V
V
I
ch =mA
0
2.6 mA
I =
ch
I
OHF00354
oh
3.20
oh
V
0.01
0.10
1
10
3.25
3.30
3.35
3.40
3.45
3.50
V
3.60
mA
3.55
Rel. Threshold
E
e/Ee(VCC = 5 V)
V
OHF00352
CC
0.96
e
E
0
5
10
15
V
0.97
0.98
0.99
1.00
1.01
1.02
E
e (VCC = 5 V)
Switching Threshold
λ
OHF00353
0
400
500
600
700
mm
900
0.2
0.4
0.6
0.8
1.0
1.2
1.4
mW/cm
1.8
H
1.6
2
< _ L
LH
_
<



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com