Electronic Components Datasheet Search
  English  ▼

X  

SN74LS292 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LS292
Description  SN74LS29x Programmable Frequency Dividers and Digital Timers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS292 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LS292 Datasheet HTML 1Page - Texas Instruments SN74LS292 Datasheet HTML 2Page - Texas Instruments SN74LS292 Datasheet HTML 3Page - Texas Instruments SN74LS292 Datasheet HTML 4Page - Texas Instruments SN74LS292 Datasheet HTML 5Page - Texas Instruments SN74LS292 Datasheet HTML 6Page - Texas Instruments SN74LS292 Datasheet HTML 7Page - Texas Instruments SN74LS292 Datasheet HTML 8Page - Texas Instruments SN74LS292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
3
4
5
6
7
16
15
14
13
12
11
B
E
TP 1
CLK 1
CLK 2
TP 2
Q
VCC
C
D
TP 3
NC
CLR
A
8
9
GND
NC
10
SN74LS292, SN74LS294
www.ti.com
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
5 Pin Configuration and Functions
SN74LS29x J, W, or N Package
16-Pin PDIP
Top View
Pin Functions, SN74LS292
PIN
I/O
DESCRIPTION
NAME
PDIP
A
10
I
Programming input A
B
1
I
Programming input B
C
15
I
Programming input C
CLK1
4
I
Clock 1 input
CLK2
5
I
Clock 2 input
CLR
11
I
Active-low clear input
D
14
I
Programming input D
E
2
I
Programming input E
GND
8
-
Ground
NC
9, 12
-
No connect
Q
7
O
Q Output
TP
—
O
Test Point
TP1
3
O
Test Point
TP2
6
O
Test Point
TP3
13
O
Test Point
VCC
16
-
Power
Copyright © 1981–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LS292 SN74LS294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com