Electronic Components Datasheet Search
  English  ▼

X  

SN74LS292 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LS292
Description  SN74LS29x Programmable Frequency Dividers and Digital Timers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS292 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS292 Datasheet HTML 1Page - Texas Instruments SN74LS292 Datasheet HTML 2Page - Texas Instruments SN74LS292 Datasheet HTML 3Page - Texas Instruments SN74LS292 Datasheet HTML 4Page - Texas Instruments SN74LS292 Datasheet HTML 5Page - Texas Instruments SN74LS292 Datasheet HTML 6Page - Texas Instruments SN74LS292 Datasheet HTML 7Page - Texas Instruments SN74LS292 Datasheet HTML 8Page - Texas Instruments SN74LS292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN74LS292, SN74LS294
SDLS153A – JANUARY 1981 – REVISED JANUARY 2016
www.ti.com
Pin Functions, SN74LS294
PIN
I/O
DESCRIPTION
NAME
PDIP
A
2
I
Programming input A
B
1
I
Programming input B
C
15
I
Programming input C
CLK1
4
I
Clock 1 input
CLK2
5
I
Clock 2 input
CLR
11
I
Active-low clear input
D
14
I
Programming input D
E
—
I
Programming input E
GND
8
-
Ground
NC
6, 9 ,10, 12, 13
-
No connect
Q
7
O
Q Output
TP
3
O
Test Point
TP1
—
O
Test Point
TP2
—
O
Test Point
TP3
—
O
Test Point
VCC
16
-
Power
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
(2)
Supply voltage
7
V
Input voltage
7
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to network ground terminal.
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current (Q only)
–1.2
mA
IOL
Low-level output current (Q only)
24
mA
fclock
Clock frequency
0
30
MHz
tw
Duration of clock input pulse
16
ns
SN74LS292
55
tw
Duration of clear pulse
ns
SN74LS294
35
tsu
Clear inactive-state set-up time
15
ns
TA
Operating free-air temperature
0
70
°C
4
Submit Documentation Feedback
Copyright © 1981–2016, Texas Instruments Incorporated
Product Folder Links: SN74LS292 SN74LS294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com