Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 119Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 120Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 121Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 122Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 123Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 124Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 125Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 126Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 184 page
background image
DocID15818 Rev 15
123/184
STM32F20xxx
Electrical characteristics
183
Figure 49. Ethernet SMI timing diagram
Table 64 gives the list of Ethernet MAC signals for the RMII and Figure 50 shows the
corresponding timing diagram.
Figure 50. Ethernet RMII timing diagram
Table 63. Dynamics characteristics: Ethernet MAC signals for SMI
Symbol
Rating
Min
Typ
Max
Unit
tMDC
MDC cycle time (2.38 MHz)
411
420
425
ns
td(MDIO) MDIO write data valid time
6
10
13
ns
tsu(MDIO) Read data setup time
12
-
-
ns
th(MDIO) Read data hold time
0
-
-
ns
Table 64. Dynamics characteristics: Ethernet MAC signals for RMII
Symbol
Rating
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
1
-
-
ns
tih(RXD)
Receive data hold time
1.5
-
-
tsu(CRS)
Carrier sense set-up time
0
-
-
tih(CRS)
Carrier sense hold time
2
-
-
td(TXEN)
Transmit enable valid delay time
9
11
13
td(TXD)
Transmit data valid delay time
9
11.5
14
RMII_REF_CLK
RMII_TX_EN
RMII_TXD[1:0]
RMII_RXD[1:0]
RMII_CRS_DV
td(TXEN)
td(TXD)
tsu(RXD)
tsu(CRS)
tih(RXD)
tih(CRS)
ai15667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com