Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 120Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 121Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 122Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 123Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 124Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 125Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 126Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 127Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 184 page
background image
Electrical characteristics
STM32F20xxx
124/184
DocID15818 Rev 15
Table 65 gives the list of Ethernet MAC signals for MII and Figure 50 shows the
corresponding timing diagram.
Figure 51. Ethernet MII timing diagram
CAN (controller area network) interface
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (CANTX and CANRX).
Table 65. Dynamics characteristics: Ethernet MAC signals for MII
Symbol
Rating
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
7.5
-
-
ns
tih(RXD)
Receive data hold time
1
-
-
ns
tsu(DV)
Data valid setup time
4
-
-
ns
tih(DV)
Data valid hold time
0
-
-
ns
tsu(ER)
Error setup time
3.5
-
-
ns
tih(ER)
Error hold time
0
-
-
ns
td(TXEN)
Transmit enable valid delay time
-
11
14
ns
td(TXD)
Transmit data valid delay time
-
11
14
ns
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
td(TXEN)
td(TXD)
tsu(RXD)
tsu(ER)
tsu(DV)
tih(RXD)
tih(ER)
tih(DV)
ai15668
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com