Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 142Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 143Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 144Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 145Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 146Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 147Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 148Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 149Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 184 page
background image
Electrical characteristics
STM32F20xxx
146/184
DocID15818 Rev 15
Figure 70. PC Card/CompactFlash controller waveforms for I/O space write access
Table 80. Switching characteristics for PC Card/CF read and write cycles in
attribute/common space(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.
Symbol
Parameter
Min
Max
Unit
tv(NCEx-A)
FSMC_Ncex low to FSMC_Ay valid
-
0
ns
th(NCEx_AI)
FSMC_NCEx high to FSMC_Ax invalid
4
-
ns
td(NREG-NCEx) FSMC_NCEx low to FSMC_NREG valid
-
3.5
ns
th(NCEx-NREG) FSMC_NCEx high to FSMC_NREG invalid
THCLK+ 4
-
ns
td(NCEx-NWE) FSMC_NCEx low to FSMC_NWE low
-
5THCLK+ 1
ns
td(NCEx-NOE) FSMC_NCEx low to FSMC_NOE low
-
5THCLK
ns
tw(NOE)
FSMC_NOE low width
8THCLK– 0.5 8THCLK+ 1
ns
td(NOE_NCEx) FSMC_NOE high to FSMC_NCEx high
5THCLK+ 2.5
-
ns
tsu (D-NOE)
FSMC_D[15:0] valid data before FSMC_NOE high
4
-
ns
th (N0E-D)
FSMC_N0E high to FSMC_D[15:0] invalid
2
-
ns
tw(NWE)
FSMC_NWE low width
8THCLK- 1
8THCLK+ 4
ns
td(NWE_NCEx) FSMC_NWE high to FSMC_NCEx high
5THCLK+ 1.5
-
ns
td(NCEx-NWE) FSMC_NCEx low to FSMC_NWE low
-
5HCLK+ 1
ns
tv (NWE-D)
FSMC_NWE low to FSMC_D[15:0] valid
-
0
ns
th (NWE-D)
FSMC_NWE high to FSMC_D[15:0] invalid
8THCLK
-ns
td (D-NWE)
FSMC_D[15:0] valid before FSMC_NWE high
13THCLK
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com