Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RFH7 Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32F205RFH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RFH7 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32F205RFH7 Datasheet HTML 143Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 144Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 145Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 146Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 147Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 148Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 149Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 150Page - STMicroelectronics STM32F205RFH7 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 184 page
background image
DocID15818 Rev 15
147/184
STM32F20xxx
Electrical characteristics
183
NAND controller waveforms and timings
Figure 71 through Figure 74 represent synchronous waveforms, together with Table 82 and
Table 83 provides the corresponding timings. The results shown in this table are obtained
with the following FSMC configuration:
•
COM.FSMC_SetupTime = 0x01;
•
COM.FSMC_WaitSetupTime = 0x03;
•
COM.FSMC_HoldSetupTime = 0x02;
•
COM.FSMC_HiZSetupTime = 0x01;
•
ATT.FSMC_SetupTime = 0x01;
•
ATT.FSMC_WaitSetupTime = 0x03;
•
ATT.FSMC_HoldSetupTime = 0x02;
•
ATT.FSMC_HiZSetupTime = 0x01;
•
Bank = FSMC_Bank_NAND;
•
MemoryDataWidth = FSMC_MemoryDataWidth_16b;
•
ECC = FSMC_ECC_Enable;
•
ECCPageSize = FSMC_ECCPageSize_512Bytes;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0;
In all timing tables, the THCLK is the HCLK clock period.
Table 81. Switching characteristics for PC Card/CF read and write cycles in I/O space(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NIOWR)
FSMC_NIOWR low width
8THCLK - 0.5
-
ns
tv(NIOWR-D)
FSMC_NIOWR low to FSMC_D[15:0] valid
-
5THCLK- 1
ns
th(NIOWR-D)
FSMC_NIOWR high to FSMC_D[15:0] invalid
8THCLK- 3
-
ns
td(NCE4_1-NIOWR) FSMC_NCE4_1 low to FSMC_NIOWR valid
-
5THCLK+ 1.5
ns
th(NCEx-NIOWR)
FSMC_NCEx high to FSMC_NIOWR invalid
5THCLK
-ns
td(NIORD-NCEx)
FSMC_NCEx low to FSMC_NIORD valid
-
5THCLK+ 1
ns
th(NCEx-NIORD)
FSMC_NCEx high to FSMC_NIORD) valid
5THCLK– 0.5
-
ns
tw(NIORD)
FSMC_NIORD low width
8THCLK+ 1
-
ns
tsu(D-NIORD)
FSMC_D[15:0] valid before FSMC_NIORD high
9.5
-
ns
td(NIORD-D)
FSMC_D[15:0] valid after FSMC_NIORD high
0
-
ns
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com