Electronic Components Datasheet Search
  English  ▼

X  

MY2F Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 5Page - Omron Electronics LLC MY2F Datasheet HTML 6Page - Omron Electronics LLC MY2F Datasheet HTML 7Page - Omron Electronics LLC MY2F Datasheet HTML 8Page - Omron Electronics LLC MY2F Datasheet HTML 9Page - Omron Electronics LLC MY2F Datasheet HTML 10Page - Omron Electronics LLC MY2F Datasheet HTML 11Page - Omron Electronics LLC MY2F Datasheet HTML 12Page - Omron Electronics LLC MY2F Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
MY(S)
9
Miniature Power Relays: MY2ZN
Specifications
Contact Ratings
*1. With no icing or condensation.
*2. This limitation is due to the diode junction temperature and elements used.
Characteristics
Refer to the standards certifications and compliance
section of your OMRON website for the latest
information on certified models.
Load
Item
Resistive load
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Rated load
5 A at 220 VAC
5 A at 24 VDC
2 A at 220 VAC
2 A at 24 VDC
Rated carry current
5 A
Maximum contact voltage
250 VAC, 125 VDC
Maximum contact current
5 A
Contact form
DPDT (Bifurcated)
Contact materials
Au plating + Ag
Type
Item
Standard
models
Model with built-in operation
indicator, diode, or CR circuit
Ambient
operating
temperature*1
−55 to 70° C
−55 to 60° C*2
Ambient
operating
humidity
5% to 85%
Item
MY2ZN series
Contact resistance*1
50 m
Ω max.
Operation time*2
20 ms max.
Release time*2
20 ms max.
Maximum
operating
frequency
Mechanical
18,000 operations/h
Rated load
1,800 operations/h
Insulation resistance*3
100 M
Ω min.
Dielectric
strength
Between coil and contacts
2,000 VAC at 50/60 Hz for 1 min.
Between contacts of
different polarity
Between contacts of the
same polarity
1,000 VAC at 50/60 Hz for 1 min.
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2
Endurance
Mechanical
50,000,000 operations min. (operating frequency: 18,000 operations/h)
Electrical*4
200,000 operations min. (rated load, switching frequency: 1,800 operations/h)
Item
MY2ZN
Note: These are initial values.
Failure rate P value
(reference value)*5
100
μA at 1 VDC
*1. Measurement conditions: 1 A at 5 VDC using the voltage drop method.
*2. Measurement conditions: With rated operating power applied.
Ambient temperature condition: 23° C
*3. Measurement conditions: For 500 VDC applied to the same location as for dielectric strength measurement.
*4. Ambient temperature condition: 23°C
*5. This value was measured at a switching frequency of 120 operations per minute.
Weight
Approx. 35 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com