Electronic Components Datasheet Search
  English  ▼

X  

MY2F Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 10Page - Omron Electronics LLC MY2F Datasheet HTML 11Page - Omron Electronics LLC MY2F Datasheet HTML 12Page - Omron Electronics LLC MY2F Datasheet HTML 13Page - Omron Electronics LLC MY2F Datasheet HTML 14Page - Omron Electronics LLC MY2F Datasheet HTML 15Page - Omron Electronics LLC MY2F Datasheet HTML 16Page - Omron Electronics LLC MY2F Datasheet HTML 17Page - Omron Electronics LLC MY2F Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MY(S)
14
Detailed Information on Models Certified for Safety Standards, MY2ZN and MY
@F
• The standard models are certified for UL and CSA standards.
• The rated values for safety standard certification are not the same as individually defined performance values. Always check the specifications before use.
TÜV-certified Models (File No. R50030059)
UL-certified Models (File No. E41515)
CSA-certified Models (File No. LR31928)
• When ordering models that are certified for Lloyd’s Register (LR) Standards,
be sure to specify “LR-certified Model” with your order.
LR-certified Models (File No. 90/10270)
Model
Coil
ratings
Contact
form
Contact ratings
Certified number
of operations
MY
@
6 to 125
VDC
6 to 240
VDC
DPDT
5 A, 250 VAC (cos φ = 1.0)
10,000 operations
4PDT
3 A, 120 VAC (cos φ = 1.0)
0.8 A, 120 VAC (cos φ =
0.4)
Model
Coil
ratings
Contact
form
Contact ratings
Certified number
of operations
MY
@
6 to 240
VAC
6 to 125
VDC
DPDT
7A, 240 VAC (General Use)
6,000
7A, 24 VDC (Resistive)
5A, 240 VAC (General Use)
5A, 250 VAC (Resistive)
5A, 30 VDC (Resistive)
3A, 265 VAC (Resistive)
1/6HP, 250 VAC
1,000
1/8HP, 265 VAC
1/10HP, 120 VAC
B300 Pilot Duty
6,000
4PDT
5A, 28 VDC (General Use)
(Same polarity)
6,000
5A, 240 VAC (General Use)
(Same polarity)
5A, 30 VDC (Resistive)
(Same polarity)
5A, 250 VAC (Resistive)
(Same polarity)
0.2A, 120 VDC (Resistive)
(Same polarity)
1/6HP, 250 VAC
(Same polarity)
1,000
1/10HP, 120 VAC
(Same polarity)
B300 Pilot Duty
(Same polarity)
6,000
Model
Coil
ratings
Contact
form
Contact ratings
Certified number
of operations
MY
@
6 to 240
VAC
6 to 125
VDC
DPDT
7A, 240 VAC (Resistive)
6,000
7A, 24 VDC (Resistive)
5A, 240 VAC (General Use)
5A, 250 VAC (Resistive)
5A, 30 VDC (Resistive)
1/6HP, 250 VAC
1,000
1/10HP, 120 VAC
4PDT
7A, 240 VAC (General Use)
(Same polarity)
6,000
7A, 24 VDC (Resistive)
(Same polarity)
5A, 240 VAC (General Use)
(Same polarity)
5A, 30 VDC (Resistive)
5A, 250 VAC (Resistive)
(Same polarity)
0.2A, 120 VDC (Resistive)
1/6HP, 250 VAC
1,000
1/10HP, 120 VAC
Model
Coil ratings
Contact
form
Contact ratings
MY
@
6 to 240
VAC
6 to 125
VDC
DPDT
2 A, 30 VDC inductive load
2 A, 200 VAC inductive load
4PDT
1.5 A, 30 VDC inductive load
0.8 A, 200 VAC inductive load
1.5 A, 115 VAC inductive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com