Electronic Components Datasheet Search
  English  ▼

X  

MY2F Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 7Page - Omron Electronics LLC MY2F Datasheet HTML 8Page - Omron Electronics LLC MY2F Datasheet HTML 9Page - Omron Electronics LLC MY2F Datasheet HTML 10Page - Omron Electronics LLC MY2F Datasheet HTML 11Page - Omron Electronics LLC MY2F Datasheet HTML 12Page - Omron Electronics LLC MY2F Datasheet HTML 13Page - Omron Electronics LLC MY2F Datasheet HTML 14Page - Omron Electronics LLC MY2F Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MY(S)
11
Flange-mounting Relays:
MY
@F
Specifications
Contact Ratings
* With no icing or condensation.
Characteristics
Note: These are initial values.
*1. Measurement conditions: 1 A at 5 VDC using the voltage drop method
*2. Measurement conditions: With rated operating power applied. Ambient temperature condition: 23° C
*3. Measurement conditions: For 500 VDC applied to the same location as for dielectric strength measurement.
*4. Ambient temperature condition: 23° C
*5. This value was measured at a switching frequency of 120 operations per minute.
Contact form
DPDT
4PDT, 4PDT (Bifurcated)
Load
Item
Resistive load
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Resistive load
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Rated load
5 A at 220 VAC
5 A at 24 VDC
2 A at 220 VAC
2 A at 24 VDC
3 A at 220 VAC
3 A at 24 VDC
0.8 A at 220 VAC
1.5 A at 24 VDC
Rated carry current
5 A
3 A
Maximum contact voltage
250 VAC, 125 VDC
Maximum contact current
5 A
3 A
Contact form
DPDT
4PDT, 4PDT (Bifurcated)
Contact materials
Ag
Au plating + Ag
Type
Item
MY
@F
Ambient operating temperature*
−55 to 70° C
Ambient operating humidity
5% to 85%
Item
Contact form
DPDT
4PDT, 4PDT (Bifurcated)
Contact resistance*1
50 m
Ω max.
Operation time*2
20 ms max.
Release time*2
20 ms max.
Maximum
operating
frequency
Mechanical
18,000 operations/h
Rated load
1,800 operations/h
Insulation resistance*3
100 M
Ω min.
Dielectric
strength
Between coil and contacts
2,000 VAC at 50/60 Hz for 1 min.
Between contacts of
different polarity
Between contacts of the
same polarity
1,000 VAC at 50/60 Hz for 1 min.
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude
(1.0-mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.5-mm single amplitude
(1.0-mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2
Endurance
Mechanical
AC: 50,000,000 operations min.
DC: 100,000,000 operations min.
(switching frequency: 18,000 operations/h)
Electrical*4
500,000 operations min.
(rated load, switching
frequency: 1,800 operations/h)
200,000 operations min.
(rated load, switching
frequency: 1,800 operations/h)
Item
Contact form
DPDT
4PDT, 4PDT (Bifurcated)
Failure rate P value
(reference value)
1 mA at 5 VDC
1 mA at 1 VDC
Weight
Approx. 35 g
Refer to the standards certifications and compliance
section of your OMRON website for the latest
information on certified models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com