Electronic Components Datasheet Search
  English  ▼

X  

MY2F Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # MY2F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2F Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button MY2F Datasheet HTML 13Page - Omron Electronics LLC MY2F Datasheet HTML 14Page - Omron Electronics LLC MY2F Datasheet HTML 15Page - Omron Electronics LLC MY2F Datasheet HTML 16Page - Omron Electronics LLC MY2F Datasheet HTML 17Page - Omron Electronics LLC MY2F Datasheet HTML 18Page - Omron Electronics LLC MY2F Datasheet HTML 19Page - Omron Electronics LLC MY2F Datasheet HTML 20Page - Omron Electronics LLC MY2F Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
MY(S)
17
Plastic Sealed Relays:
MYQ4
Specifications
Contact Ratings
* This value was measured at a switching frequency of 120 operations per minute.
* With no icing or condensation.
Characteristics
Engineering Data
Type
Item
Resistive load
Inductive load
(cos φ = 0.4, L/R = 7 ms)
Rated load
1 A at 220 VAC, 1 A at 24 VDC
0.5 A at 220 VAC, 0.5 A at 24 VDC
Rated carry current
1 A
Maximum contact voltage
250 VAC, 125 VDC
Maximum contact current
1 A
Maximum switching capacity
(reference value)
220 VAC, 24 W
110 VAC, 12 W
Failure rate P value
(reference value)
Single contacts: 1 mA at 1 VDC, Bifurcated contacts: 100
μA at 1 VDC
Contact form
4PDT, 4PDT (Bifurcated)
Contact materials
Au plating + Ag
Ambient operating temperature
−55 to 60° C*
Ambient operating humidity
5% to 85%
Contact resistance*1
50 m
Ω max.
Note: The values at the left are initial
values.
*1. Measurement conditions: 1 A at 5
VDC using the voltage drop
method
*2. Measurement conditions: With
rated operating power applied, not
including contact bounce.
Ambient temperature condition:
23° C
*3. Measurement conditions: For 500
VDC applied to the same location
as for dielectric strength
measurement.
*4. This value is for bifurcated
contacts.
*5. Ambient temperature condition:
23° C
Operation time*2
20 ms max.
Release time*2
20 ms max.
Maximum
operating
frequency
Mechanical
18,000 operations/h
Rated load
1,800 operations/h
Dielectric
strength
Between coil and contacts
1,500 VAC at 50/60 Hz for 1 min.
Between contacts of different polarity
1,500 VAC at 50/60 Hz for 1 min.
Between contacts of the same polarity
1,000 VAC at 50/60 Hz for 1 min.
Insulation resistance*3
100 M
Ω min.
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2
Endurance
Mechanical
AC: 50,000,000 operations (5,000,000*4) min., DC: 100,000,000 operations
(5,000,000*4) min. (switching frequency: 18,000 operations/h)
Electrical*5
200,000 operations min. (100,000 operations*4) (rated load, switching
frequency: 1,800 operations/h)
Weight
Approx. 35 g
Maximum Switching Capacity Endurance Curve
H2S Gas Data
Malfunctioning Shock
MYQ4(Z)
MYQ4
MYQ4
Energized
Y
X
Z
X’
Z’
Y’
550
400
600
300
550
600
400
600
600
250
600
700
Unit: m/s2
Not energized
N = 20
Measurement: Shock was applied
3 times each in 6 directions along
3 axes with the Relay energized
and not energized to check the
shock values that cause the Relay
to malfunction.
Criteria: Non-energized: 200 m/s2
Energized: 200 m/s2
Shock
direction
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
AC inductive load
(cos φ = 0.4)
10
0.01
0.03
0.05
0.07
0.1
0.5
0.3
0.7
1
3
7
5
15
310
50
30
100
500 1,000
300
Contact voltage (V)
24 VDC resistive load
24 VDC inductive load (L/R = 7 ms)
220 VAC resistive load
220 VAC inductive load (cos φ = 0.4)
1
3
5
7
10
30
50
70
100
300
500
700
1,000
0
0.4
0.6
0.8
1.0
0.2
1.2
Contact current (A)
Note: The durability of bifurcated
contacts is one-half that of
single contacts.
max.
N=10
min.
Measurements: Temperature: 40° C, Humidity: 60% to 70%,
H2S concentration: 5 ±3 ppm
The change in contact resistance was measured after
leaving the Relay in the above environment for a fixed
amount of time, then removing it to a constant-temperature
and constant-humidity environment for at least 30 minutes.
80
70
60
50
40
30
20
10
1
15
310
50
30
100
500 1,000
300
Standing time (h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com