Electronic Components Datasheet Search
  English  ▼

X  

X84160IG Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X84160IG
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160IG Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X84160IG Datasheet HTML 7Page - IC MICROSYSTEMS X84160IG Datasheet HTML 8Page - IC MICROSYSTEMS X84160IG Datasheet HTML 9Page - IC MICROSYSTEMS X84160IG Datasheet HTML 10Page - IC MICROSYSTEMS X84160IG Datasheet HTML 11Page - IC MICROSYSTEMS X84160IG Datasheet HTML 12Page - IC MICROSYSTEMS X84160IG Datasheet HTML 13Page - IC MICROSYSTEMS X84160IG Datasheet HTML 14Page - IC MICROSYSTEMS X84160IG Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
X84160/640/128
11
Write Cycle Limits – X84160/640/128
Notes: (5) tNVWC is the time from the falling edge of OE or CE (whichever occurs last) of the second read cycle in the “start nonvolatile write cycle”
sequence until the self-timed, internal nonvolatile write cycle is completed.
(6) Data is latched into the X84160/640/128 on the rising edge of CE or WE, whichever occurs first.
(7) Periodically sampled, but not 100% tested.
Symbol
Parameter
VCC = 4.5V – 5.5V VCC = 2.5V – 5.5V VCC = 1.8V – 3.6V
Units
Min.
Max.
Min.
Max.
Min.
Max.
tNVWC
(5)
Nonvolatile Write Cycle Time
55
5
ms
tWC
Write Cycle Time
70
125
250
ns
tWP
WE Pulse Width
20
35
50
ns
tWPH
WE HIGH Recovery Time
50
90
180
ns
tCS
Write Setup Time
0
0
0
ns
tCH
Write Hold Time
0
0
0
ns
tCP
CE Pulse Width
20
35
70
ns
tCPH
CE HIGH Recovery Time
50
90
180
ns
tOES
OE HIGH Setup Time
25
25
50
ns
tOEH
OE HIGH Hold Time
25
25
50
ns
tDS
(6)
Data Setup Time
12
20
30
ns
tDH
(6)
Data Hold Time
5
5
5
ns
tWPSU
(7)
WP HIGH Setup
100
100
150
ns
tWPHD
(7)
WP HIGH Hold
100
100
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com