Electronic Components Datasheet Search
  English  ▼

X  

X84160IG Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X84160IG
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160IG Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X84160IG Datasheet HTML 1Page - IC MICROSYSTEMS X84160IG Datasheet HTML 2Page - IC MICROSYSTEMS X84160IG Datasheet HTML 3Page - IC MICROSYSTEMS X84160IG Datasheet HTML 4Page - IC MICROSYSTEMS X84160IG Datasheet HTML 5Page - IC MICROSYSTEMS X84160IG Datasheet HTML 6Page - IC MICROSYSTEMS X84160IG Datasheet HTML 7Page - IC MICROSYSTEMS X84160IG Datasheet HTML 8Page - IC MICROSYSTEMS X84160IG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
X84160/640/128
5
CONTROL REGISTER
The X84160/640/128 has one register that contains
control bits for the devices. The control bits, WPEN, BP1,
and BP0, are shown in Table 1. To read or change the
contents of this register requires a one byte operation to
address FFFFh.
A read from FFFFh returns the one byte contents of the
control register unused bits return 0. Continued reads
return undefined data. A write to address FFFFh changes
the value of the bits. Unused bits are written as “0”.
Writing more than one byte to the control register is a
violation and the operation will be aborted. After sending
one byte to the control register, a start nonvolatile write
cycle will latch in the new state.
Table 1
WPEN: Write Protect Enable Bit
The Write-Protect-Enable (WPEN) bit is an enable bit for
the WP pin.
Table 2
7
654
3
2
1
0
WPEN
0
0
0
BP1
BP0
0
0
WPEN
WP
Protected
Blocks
Unprotected
Blocks
Status
Register
0X
Protected
Writable
Writable
1
LOW
Protected
Writable
Protected
X
HIGH
Protected
Writable
Writable
The Write Protect (WP) pin and the nonvolatile Write
Protect Enable (WPEN) bit in the Status Register control
the programmable hardware write protect feature.
Hardware write protection is enabled when WP pin is
LOW, and the WPEN bit is “1”. Hardware write protection
is disabled when either the WP pin is HIGH or the WPEN
bit is “0”. When the chip is hardware write protected,
nonvolatile write is disabled to the Control Register,
including the Block Protect bits and the WPEN bit itself,
as well as the block-protected sections in the memory
array. Only the sections of the memory array that are not
block-protected can be written.
Note:
When the WP pin is tied to VSS and the WPEN bit is HIGH, the
WPEN bit is write protected. It cannot be changed back to a
“0”, as long as the WP pin is held LOW.
BP1, BP0: Block Protect Bits
The Block Protect (BP0 and BP1) bits are nonvolatile and
allow the user to select one of four levels of protection.
The X84160/640/128 is divided into four segments. One,
two, or all four of the segments may be protected. That is,
the user may read the segments but will be unable to
alter (write) data within the selected segments. The
partitioning is controlled as illustrated in table 3 below.
Table 3. Block Lock Protection
Control Register Bits
Array Address Protected
BP1
BP0
X84160
X84640
X84128
Array
00
None
None
None
01
0600h–07FFh
1800h–1FFFh
3000h–3FFFh
upper 1/4
10
0400h–07FFh
1000h–1FFFh
2000h–3FFFh
upper 1/2
11
0000–07FFh
0000–1FFFh
0000h–3FFFh
Full Array
(Not including the
control register.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com