Electronic Components Datasheet Search
  English  ▼

X  

X84160IG Datasheet(PDF) 21 Page - IC MICROSYSTEMS

Part # X84160IG
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160IG Datasheet(HTML) 21 Page - IC MICROSYSTEMS

Back Button X84160IG Datasheet HTML 14Page - IC MICROSYSTEMS X84160IG Datasheet HTML 15Page - IC MICROSYSTEMS X84160IG Datasheet HTML 16Page - IC MICROSYSTEMS X84160IG Datasheet HTML 17Page - IC MICROSYSTEMS X84160IG Datasheet HTML 18Page - IC MICROSYSTEMS X84160IG Datasheet HTML 19Page - IC MICROSYSTEMS X84160IG Datasheet HTML 20Page - IC MICROSYSTEMS X84160IG Datasheet HTML 21Page - IC MICROSYSTEMS X84160IG Datasheet HTML 22Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
X84160/640/128
21
ORDERING INFORMATION
*PART MARK CONVENTION
Device
X84160/640/128 P
T
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial = –40°C to +85°C
G –V
VCC Range
Blank = 4.5V to 5.5V, 10 MHz
2.5 = 2.5V to 5.5V, 5 MHz
1.8 = 1.8V to 3.6V, 4 MHz
Military = –55°C to +125°C (contact factory)
Packages:
X84160
P = 8-Lead PDIP
S8 = 8-Lead SOIC
V8 = 8-Lead TSSOP
X84640
P = 8-Lead PDIP
S8 = 8-Lead SOIC
V20 = 20-Lead TSSOP
Z = 8-Lead XBGA
X84128
P = 8-Lead PDIP
S14 = 14-Lead SOIC
V28 = 28-Lead TSSOP
Z = 8-Lead XBGA
8-Lead TSSOP
AG = 1.8 to 3.6V, 0 to +70°C
EYWW
8160XXG
AH = 1.8 to 3.6V, -40 to +85°C
F = 2.5 to 5.5V, 0 to +70°C
G = 2.5 to 5.5V, -40 to +85°C
Blank = 4.5 to 5.5V, 0 to +70°C
I = 4.5 to 5.5V, -40 to +85°C
8-Lead SOIC/PDIP
X84160G
XX
Blank = 8-Lead SOIC
AG = 1.8 to 3.6V, 0 to +70°C
AH = 1.8 to 3.6V, -40 to +85°C
F = 2.5 to 5.5V, 0 to +70°C
G = 2.5 to 5.5V, -40 to +85°C
Blank = 4.5 to 5.5V, 0 to +70°C
I = 4.5 to 5.5V, -40 to +85°C
P = 8-Lead PDIP
G = RoHS compliant lead free
*All parts and package types not included will receive standard marking.
8-Lead XBGA PACKAGE
Complete Part Number
Top Mark
X84640ZE-2.5
XAP
X84640ZI-2.5
XAR
X84128ZE-2.5
XAN
X84128 ZI-2.5
XAO
E = Extended = –20°C to +85°C
X
G = RoHS Compliant Lead Free package
Blank = Standard package. Non lead free
G = RoHS compliant
lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com