Electronic Components Datasheet Search
  English  ▼

X  

X84160IG Datasheet(PDF) 15 Page - IC MICROSYSTEMS

Part # X84160IG
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160IG Datasheet(HTML) 15 Page - IC MICROSYSTEMS

Back Button X84160IG Datasheet HTML 11Page - IC MICROSYSTEMS X84160IG Datasheet HTML 12Page - IC MICROSYSTEMS X84160IG Datasheet HTML 13Page - IC MICROSYSTEMS X84160IG Datasheet HTML 14Page - IC MICROSYSTEMS X84160IG Datasheet HTML 15Page - IC MICROSYSTEMS X84160IG Datasheet HTML 16Page - IC MICROSYSTEMS X84160IG Datasheet HTML 17Page - IC MICROSYSTEMS X84160IG Datasheet HTML 18Page - IC MICROSYSTEMS X84160IG Datasheet HTML 19Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
X84160/640/128
15
NOTE:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.145 (3.68)
0.128 (3.25)
0.025 (0.64)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.065 (1.65)
0.045 (1.14)
0.260 (6.60)
0.240 (6.10)
0.060 (1.52)
0.020 (0.51)
TYP .0.010 (0.25)
0°
15°
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
HALF SHOULDER WIDTH ON
ALL END PINS OPTIONAL
.073 (1.84)
MAX.
0.325 (8.25)
0.300 (7.62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com