Electronic Components Datasheet Search
  English  ▼

X  

XC6411 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6411
Description  0.8uA Low Power Consumption Dual Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6411 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6411 Datasheet HTML 1Page - Torex Semiconductor XC6411 Datasheet HTML 2Page - Torex Semiconductor XC6411 Datasheet HTML 3Page - Torex Semiconductor XC6411 Datasheet HTML 4Page - Torex Semiconductor XC6411 Datasheet HTML 5Page - Torex Semiconductor XC6411 Datasheet HTML 6Page - Torex Semiconductor XC6411 Datasheet HTML 7Page - Torex Semiconductor XC6411 Datasheet HTML 8Page - Torex Semiconductor XC6411 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XC6411/XC6412 Series
0.8uA Low Power Consumption Dual Voltage Regulator
■
GENERAL DESCRIPTION
The XC6411/6412 series are highly precise, low noise, positive voltage LDO dual regulators manufactured using CMOS
processes. The series achieves very low supply current, 0.8
μA / ch. (TYP.) and consists of a reference voltage source, an
error amplifier, a current foldback circuit, and a phase compensation circuit plus a driver transistor. SOT-25 package for the
XC6411P series, SOT-26 package for the XC6412B series and USP-6C package for the XC6412C series (preliminary) make
high density mounting possible. Therefore, the series is ideal for applications where high density mounting is required such
as in mobile equipment.
Output voltage of each regulators VR1 and VR2 is selectable in 100mV increments within a range of 0.9V to 5.0V by laser
trimming. The series is also compatible with low ESR ceramic capacitors, which give added output stability. VR1 and VR2
are completely isolated. For this, a cross talk between each channel, which causes a problem during load fluctuations, can be
greatly reduced, and the stabilized voltage can be supplied. The current limiter's foldback circuit also operates as a short
protect for the output pin.
■
TYPICAL APPLICATION CIRCUIT
■
APPLICATIONS
●
MP3 players, Portable AV equipment
●
Mobile phones
●
Cordless phones,
wireless communication equipment
●
Portable games
●
Cameras, Video recorders
●
PDAs
■
FEATURES
Maximum Output Current : 200mA (300mA Limit, TYP.)
@ VOUT=3.0V, VIN=4.0V
Dropout Voltage
: 320mV @ IOUT = 100mA
@ VOUT = 3.0V
Input Voltage Range
: 1.5V ~ 6.0V
Output Voltage Range
: 0.9V ~ 5.0V (100mV increments)
Highly Accurate
: Set voltage accuracy
±2%
(1.5V<VOUT(T)<5.0V)
Set voltage accuracy
±30mV
(0.9V<VOUT(T)<1.5V)
Low Power Consumption : 0.8
μA / ch.(TYP.)
Operating Temperature Range : - 40℃~ 85℃
Low ESR Capacitor Compatible: Ceramic capacitor
Current Limiter Circuit Built-In
Ultra Small Packages
: SOT-25 (XC6411P)
: SOT-26 (XC6412B)
: USP-6C (XC6412C) *Preliminary
■
TYPICAL PERFORMANCE
CHARACTERISTICS
●
Supply Current vs. Input Voltage
VR1/VR2: 3.0V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
45
6
Input Voltage VIN (V)
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
Ta=-40℃
Ta=25℃
Ta=85℃
1uF
(ceramic)
1uF
(ceramic)
0.1uF
(ceram ic)
0.1uF
(ceram ic)
1uF
(ceramic)
0.1uF
(ceram ic)
0.1uF
(ceram ic)
VIN1
VIN2
VOUT1
VOUT2
VIN
EN2
VOUT1
VOUT2
ETR0320_005


Similar Part No. - XC6411

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
High Speed LDO Regulators
XC6413 TOREX-XC6413 Datasheet
631Kb / 20P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6414 TOREX-XC6414 Datasheet
631Kb / 20P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6411

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
Microminiature Low-Power Consumption Low-Saturation Regulator
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
New Japan Radio
NJW4180 NJRC-NJW4180 Datasheet
88Kb / 8P
High Voltage Low current consumption Regulator
logo
List of Unclassifed Man...
HP03S ETC2-HP03S Datasheet
200Kb / 7P
Low voltage, low power consumption
logo
Shenzhen Huazhimei Semi...
HM1132 HMSEMI-HM1132 Datasheet
804Kb / 7P
Low power consumption, low drop voltage, medium voltage regulator
HM1135 HMSEMI-HM1135 Datasheet
780Kb / 5P
Low power consumption, low drop voltage, medium voltage regulator
logo
ACE Technology Co., LTD...
ACE5012C ACE-ACE5012C Datasheet
259Kb / 3P
0.8uA Low Power Consumption Regulator with Enable
VER 1.1
logo
AiT Semiconductor Inc.
A6120 AITSEMI-A6120 Datasheet
548Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com