Electronic Components Datasheet Search
  English  ▼

X  

XC6411 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6411
Description  0.8uA Low Power Consumption Dual Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6411 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6411 Datasheet HTML 1Page - Torex Semiconductor XC6411 Datasheet HTML 2Page - Torex Semiconductor XC6411 Datasheet HTML 3Page - Torex Semiconductor XC6411 Datasheet HTML 4Page - Torex Semiconductor XC6411 Datasheet HTML 5Page - Torex Semiconductor XC6411 Datasheet HTML 6Page - Torex Semiconductor XC6411 Datasheet HTML 7Page - Torex Semiconductor XC6411 Datasheet HTML 8Page - Torex Semiconductor XC6411 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2/28
XC6411/XC6412 Series
PIN NUMBER
XC6411P
XC6412B
XC6412C
SOT-25
SOT-26
USP-6C
PIN NAME
FUNCTION
1
4
3
VOUT2
Output 2
2
5
2
VSS
Ground
3
6
1
VOUT1
Output 1
-
1
-
VIN
Power Input
4
-
6
VIN1
Power Input 1
5
-
5
VIN2
Power Input 2
-
3
4
EN2
ON / Off Switch (ch. 2)
-
2
-
NC
No Connection
* When using an SOT-26 package of the XC6412B series, please use No. 1 pin as power input of the whole IC.
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①②③
Output Voltage
001~
: Internally set sequential number relating output voltage of each
regulator. Regulator 1 and 2 output voltage range→0.9~5.0V
(100V increments)
: SOT-25 (XC6411P)
M
: SOT-26 (XC6412B)
④
Package
E
: USP-6C (XC6412C)
R
: Embossed tape, standard feed
⑤
Device Orientation
L
: Embossed tape, reverse feed
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6411P①②③④⑤
XC6412B①②③④⑤
XC6412C①②③④⑤ *Preliminary
XC6411P Series
SOT-25 (TOP VIEW)
XC6412B Series
SOT-26 (TOP VIEW)
13
2
5
4
VIN2
VIN1
VOUT2 VSS VOUT1
46
5
3
EN2
VIN
VOUT2 VSS VOUT1
NC
2
1
XC6412C Series
USP-6C (BOTTOM VIEW)
*Preliminary
* The dissipation pad for the USP-6C package
should be solder-plated in recommended
mount pattern and metal masking so as to
enhance mounting strength and heat release.
If the pad needs to be connected to other pins,
it should be connected to the VSS pin (pin # 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com