Electronic Components Datasheet Search
  English  ▼

X  

XC6411 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6411
Description  0.8uA Low Power Consumption Dual Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6411 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6411 Datasheet HTML 1Page - Torex Semiconductor XC6411 Datasheet HTML 2Page - Torex Semiconductor XC6411 Datasheet HTML 3Page - Torex Semiconductor XC6411 Datasheet HTML 4Page - Torex Semiconductor XC6411 Datasheet HTML 5Page - Torex Semiconductor XC6411 Datasheet HTML 6Page - Torex Semiconductor XC6411 Datasheet HTML 7Page - Torex Semiconductor XC6411 Datasheet HTML 8Page - Torex Semiconductor XC6411 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4/28
XC6411/XC6412 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT. CIRCUIT
Output Voltage (*2)
VOUT(E)
VIN=VOUT(T) (*1) + 1.0V,
IOUT=1mA
E-0 (*6)
V
①
VIN=VOUT(T) + 1.0V
VOUT(T)=0.9V
50
70
-
VIN=VOUT(T) + 1.0V
VOUT(T)=1.0V ~ 1.1V
60
80
-
VIN=VOUT(T) + 1.0V
VOUT(T)=1.2V ~ 1.3V
80
110
-
VIN=VOUT(T) + 1.0V
VOUT(T)=1.4V ~ 1.6V
100
140
-
VIN=VOUT(T) + 1.0V
VOUT(T)=1.7V ~ 2.2V
120
150
-
VIN=VOUT(T) + 1.0V
VOUT(T)=2.3V ~ 2.9V
150
195
-
Maximum
Output Current
IOUTMAX
VIN=VOUT(T) + 1.0V
VOUT(T)≧3.0V
200
300
-
mA
①
VIN=VOUT(T) + 1.0V,
VOUT(T) = 0.9V
1mA≦IOUT≦50mA
VIN=VOUT(T) + 1.0V
VOUT(T) =1.0V ~ 1.1V
1mA≦IOUT≦60mA
VIN=VOUT(T) + 1.0V
VOUT(T) =1.2V~1.3V
1mA≦IOUT≦80mA
Load Regulation
VOUT
VIN=VOUT(T) + 1.0V
VOUT(T)≧1.4V
1mA≦IOUT≦100mA
-
15
70
mV
1
VOUT(T) =0.9V,
IOUT =50mA
VOUT(T) =1.0V ~ 1.1V,
IOUT =60mA
VOUT(T) =1.2V ~ 1.3V,
IOUT =80mA
Dropout Voltage (*3)
Vdif
VOUT(T)≧1.4V,
IOUT =100mA
E-1(*6)
mV
1
VOUT(T) =0.9V,
1.5V≦VIN≦6.0V,
IOUT =1mA
VOUT(T) =1.0V~1.2V,
VOUT(T) +0.5V≦VIN≦6.0V
IOUT =1mA
Line Regulation
VOUT /
VIN VOUT
VOUT(T) ≧1.3V,
VOUT(T) +0.5V≦VIN≦6.0V
IOUT =30mA
-
0.05
0.15
%/V
①
Input Voltage
VIN
-
1.5
-
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT /
Topr VOUT
VIN= VOUT(T) +1.0V,
IOUT =30mA,
- 40℃< Topr < 85℃
-
±
100
-
ppm /
℃
①
XC6411P/6412 Series, Regulator 1 and Regulator 2
Ta = 25℃
■
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com