Electronic Components Datasheet Search
  English  ▼

X  

XC6411 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6411
Description  0.8uA Low Power Consumption Dual Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6411 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6411 Datasheet HTML 1Page - Torex Semiconductor XC6411 Datasheet HTML 2Page - Torex Semiconductor XC6411 Datasheet HTML 3Page - Torex Semiconductor XC6411 Datasheet HTML 4Page - Torex Semiconductor XC6411 Datasheet HTML 5Page - Torex Semiconductor XC6411 Datasheet HTML 6Page - Torex Semiconductor XC6411 Datasheet HTML 7Page - Torex Semiconductor XC6411 Datasheet HTML 8Page - Torex Semiconductor XC6411 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3/28
XC6411/XC6412
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
- 0.3 ~ + 7.0
V
Input Voltage 1
VIN1
- 0.3 ~ + 7.0
V
Input Voltage 2
VIN2
- 0.3 ~ + 7.0
V
Output Current 1
IOUT1
500 (*1)
mA
Output Current 2
IOUT2
500 (*1)
mA
Output Voltage 1
VOUT1
VSS - 0.3 ~ VIN + 0.3
V
Output Voltage 2
VOUT2
VSS - 0.3 ~ VIN + 0.3
V
EN2 Pin Voltage
VEN2
VSS - 0.3 ~ 0.7
V
SOT-25
SOT-26
250
Power Dissipation
USP-6C
Pd
120
mW
Operating Temperature Range
Topr
- 40 ~ + 85
℃
Storage Temperature Range
Tstg
- 55 ~ +125
℃
■
ABSOLUTE MAXIMUM RATINGS
●
XC6411P Series
●
XC6412B Series (SOT-26)
●
XC6412C Series (USP-6C)
*Preliminary
* Diodes shown in the above circuit are ESD protection diodes and parasitic diodes.
Note: *1: Please set the value of the XC6411P and XC6412C (USP-6C) series within the following equation:
Pd>[(VIN1-VOUT1)xIOUT1+(VIN2-VOUT2)xIOUT2]
Please set the value of the XC6412B (SOT-26) series within the following equation:
Pd>[(VIN-VOUT1)xIOUT1+(VIN-VOUT2)xIOUT2]
■
BLOCK DIAGRAMS
Ta = 25℃
+
-
R11
R12
VIN1
VIN2
VOUT 1
VOUT 2
VSS
Voltage
Reference1
+
-
R21
R22
Current
Lim it2
+
-
R11
R12
VIN
EN2
VOUT 1
VOUT 2
VSS
Current
Lim it1
Voltage
Reference1
+
-
R21
R22
Current
Lim it2
Voltage
Reference2
ON/OFF
Control
VR2 Each Circuit
、
Current
Lim it1
Voltage
Reference2
+
-
R11
R12
VIN1
VIN2
VOUT 1
VOUT 2
VSS
Voltage
Reference1
+
-
R21
R22
Current
Lim it2
、
Current
Lim it1
Voltage
Reference2
EN2
ON/OFF
Control
VR2 Each Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com