Electronic Components Datasheet Search
  English  ▼

X  

TLC27L4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC27L4
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4 Datasheet(HTML) 2 Page - Texas Instruments

  TLC27L4 Datasheet HTML 1Page - Texas Instruments TLC27L4 Datasheet HTML 2Page - Texas Instruments TLC27L4 Datasheet HTML 3Page - Texas Instruments TLC27L4 Datasheet HTML 4Page - Texas Instruments TLC27L4 Datasheet HTML 5Page - Texas Instruments TLC27L4 Datasheet HTML 6Page - Texas Instruments TLC27L4 Datasheet HTML 7Page - Texas Instruments TLC27L4 Datasheet HTML 8Page - Texas Instruments TLC27L4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
In general, many features associated with bipolar technology are available on LinCMOS
™ operational
amplifiers, without the power penalties of bipolar technology. General applications such as transducer
interfacing, analog calculations, amplifier blocks, active filters, and signal buffering are easily designed with the
TLC27L4 and TLC27L9. The devices also exhibit low voltage single-supply operation and ultra-low power
consumption, making them ideally suited for remote and inaccessible battery-powered applications. The
common-mode input voltage range includes the negative rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand –100-mA surge currents without sustaining latch-up.
The TLC27L4 and TLC27L9 incorporate internal ESD-protection circuits that prevent functional failures at
voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in
handling these devices, as exposure to ESD may result in the degradation of the device parametric
performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation from –55°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
CHIP
FORM
(Y)
900
µV
TLC27L9CD
—
—
TLC27L9CN
—
—
0
°Cto70°C
2 mV
TLC27L4BCD
—
—
TLC27L4BCN
—
—
0
°C to 70°C
5 mV
TLC27L4ACD
—
—
TLC27L4ACN
—
—
10 mV
TLC27L4CD
—
—
TLC27L4CN
TLC27L4CPW
TLC27L4Y
900
µV
TLC27L9ID
—
—
TLC27L9IN
—
—
40
°Cto85°C
2 mV
TLC27L4BID
—
—
TLC27L4BIN
—
—
– 40
°C to 85°C
5 mV
TLC27L4AID
—
—
TLC27L4AIN
—
—
10 mV
TLC27L4ID
—
—
TLC27L4IN
—
—
55
°Cto125°C
900
µV
TLC27L9MD
TLC27L9MFK
TLC27L9MJ
TLC27L9MN
—
—
– 55
°C to 125°C
10 mV
TLC27L4MD
TLC27L4MFK
TLC27L4MJ
TLC27L4MN
—
—
The D package is available taped and reeled. Add R suffix to the device type (e.g., TLC27L9CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com