Electronic Components Datasheet Search
  English  ▼

X  

TLC27L4 Datasheet(PDF) 34 Page - Texas Instruments

Part # TLC27L4
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC27L4 Datasheet HTML 30Page - Texas Instruments TLC27L4 Datasheet HTML 31Page - Texas Instruments TLC27L4 Datasheet HTML 32Page - Texas Instruments TLC27L4 Datasheet HTML 33Page - Texas Instruments TLC27L4 Datasheet HTML 34Page - Texas Instruments TLC27L4 Datasheet HTML 35Page - Texas Instruments TLC27L4 Datasheet HTML 36Page - Texas Instruments TLC27L4 Datasheet HTML 37Page - Texas Instruments TLC27L4 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
latch-up (continued)
The current path established if latch-up occurs is usually between the positive supply rail and ground and can
be triggered by surges on the supply lines and/or voltages on either the output or inputs that exceed the supply
voltage. Once latch-up occurs, the current flow is limited only by the impedance of the power supply and the
forward resistance of the parasitic thyristor and usually results in the destruction of the device. The chance of
latch-up occurring increases with increasing temperature and supply voltages.
–
+
–
+
500 k
Ω
500 k
Ω
5 V
500 k
Ω
0.1
µF
500 k
Ω
VO2
VO1
1/4
TLC27L4
TLC27L4
1/4
Figure 44. Multivibrator
TLC27L4
1/4
–
+
100 k
Ω
VDD
33 k
Ω
100 k
Ω
100 k
Ω
Set
Reset
VO
NOTE: VDD = 5 V to 16 V
Figure 45. Set /Reset Flip-Flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com