Electronic Components Datasheet Search
  English  ▼

X  

TLC27L4 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC27L4
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC27L4 Datasheet HTML 24Page - Texas Instruments TLC27L4 Datasheet HTML 25Page - Texas Instruments TLC27L4 Datasheet HTML 26Page - Texas Instruments TLC27L4 Datasheet HTML 27Page - Texas Instruments TLC27L4 Datasheet HTML 28Page - Texas Instruments TLC27L4 Datasheet HTML 29Page - Texas Instruments TLC27L4 Datasheet HTML 30Page - Texas Instruments TLC27L4 Datasheet HTML 31Page - Texas Instruments TLC27L4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Phase Shift
AVD
VDD = 10 V
RL = 1 MΩ
TA = 25°C
180
°
0
°
30
°
60
°
90
°
120
°
150
°
10 6
10 5
10 4
10 3
10 2
10 1
1
100 k
10 k
1 k
100
10
0.1
1 M
f – Frequency – Hz
1
10 7
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Figure 33
Figure 34
0
VDD – Supply Voltage – V
42
°
16
30
°
2
4
6
8
10
12
14
32
°
34
°
36
°
38
°
40
°
See Figure 3
VI = 10 mV
TA = 25°C
CL = 20 pF
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 35
See Figure 3
VI = 10 mV
CL = 20 pF
VDD = 5 mV
–75
TA – Free-Air Temperature – °C
40
°
125
20
°
–50
–25
0
25
50
75
100
24
°
28
°
32
°
36
°
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
30
°
34
°
38
°
26
°
22
°
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com