Electronic Components Datasheet Search
  English  ▼

X  

TLC27L4 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC27L4
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27L4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC27L4 Datasheet HTML 28Page - Texas Instruments TLC27L4 Datasheet HTML 29Page - Texas Instruments TLC27L4 Datasheet HTML 30Page - Texas Instruments TLC27L4 Datasheet HTML 31Page - Texas Instruments TLC27L4 Datasheet HTML 32Page - Texas Instruments TLC27L4 Datasheet HTML 33Page - Texas Instruments TLC27L4 Datasheet HTML 34Page - Texas Instruments TLC27L4 Datasheet HTML 35Page - Texas Instruments TLC27L4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise performance (continued)
VI
(a) NONINVERTING AMPLIFIER
(c) UNITY-GAIN AMPLIFIER
(b) INVERTING AMPLIFIER
VI
VI
VO
VO
VO
Figure 40. Guard-Ring Schemes
output characteristics
The output stage of the TLC27L4 and TLC27L9 is designed to sink and source relatively high amounts of current
(see typical characteristics). If the output is subjected to a short-circuit condition, this high current capability can
cause device damage under certain conditions. Output current capability increases with supply voltage.
All operating characteristics of the TLC27L4 and TLC27L9 were measured using a 20-pF load. The devices
drive higher capacitive loads; however, as output load capacitance increases, the resulting response pole
occurs at lower frequencies, thereby causing ringing, peaking, or even oscillation (see Figure 41). In many
cases, adding a small amount of resistance in series with the load capacitance alleviates the problem.
2.5 V
VO
CL
– 2.5 V
VI
(a) CL = 20 pF, RL = NO LOAD
(b) CL = 260 pF, RL = NO LOAD
(c) CL = 310 pF, RL = NO LOAD
(d) TEST CIRCUIT
TA = 25°C
f = 1 kHz
VIPP = 1 V
Figure 41. Effect of Capacitive Loads and Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com