Electronic Components Datasheet Search
  English  ▼

X  

591 03 Datasheet(PDF) 3 Page - Legrand North America, LLC

Part # 591 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 03 Datasheet(HTML) 3 Page - Legrand North America, LLC

  591 03 Datasheet HTML 1Page - Legrand North America, LLC 591 03 Datasheet HTML 2Page - Legrand North America, LLC 591 03 Datasheet HTML 3Page - Legrand North America, LLC 591 03 Datasheet HTML 4Page - Legrand North America, LLC 591 03 Datasheet HTML 5Page - Legrand North America, LLC 591 03 Datasheet HTML 6Page - Legrand North America, LLC 591 03 Datasheet HTML 7Page - Legrand North America, LLC 591 03 Datasheet HTML 8Page - Legrand North America, LLC 591 03 Datasheet HTML 9Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2. RANGE
Simple surface mounting sockets
Note : Use a pilot wire in 63A
3/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
16A
Metal
Plastic
16A
16A
32A
16A
16A
32A
32A
63A
63A
32A
32A
2P
524 01 + 524 19
3P
524 02 + 524 19
2P
525 01 + 524 19
3P
525 02 + 524 19
2P
524 03 + 524 19
3P
524 04 + 524 19
2P
525 03 + 524 19
3P
525 04 + 524 19
2P
524 05 + 524 19
2P
525 05 + 524 19
2P+E
519 20 + 520 29
2P+E
519 21 + 529 40
3P+E
2P+E
2P+E 520 32 + 520 39 520 22 + 520 29
3P+E 520 33 + 522 39 520 23 + 522 29
3P+N+E 520 34 + 522 39 520 24 + 522 29
2P+E 527 32 + 529 39 527 18 + 529 40
3P+E 527 33 + 529 39 527 19 + 529 40
3P+N+E 527 34 + 529 39 527 20 + 529 40
2P+E
537 32
537 22
3P+E
536 33
3P+N+E
536 34
2P+E 522 32 + 520 39 522 22 + 520 29
3P+E 522 33 + 522 39 522 23 + 522 29
3P+N+E 522 34 + 522 39 522 24 + 522 29
2P+E 529 32 + 529 39 529 18 + 529 40
3P+E 529 33 + 529 39 529 19 + 529 40
3P+N+E 529 34 + 529 39 529 20 + 529 40
3P+E
537 33
537 23
3P+N+E
537 34
537 24
3P+E
523 20 + 522 29
3P+E
523 59 + 529 40
16A
16A
32A
32A
63A
2. RANGE (continued)
Through wiring surface mounting sockets
Note : Use a pilot wire in 63A
Metal
Plastic
16A
16A
32A
32A
63A
63A
2P+E
519 20 + 520 89
2P+E
519 21 + 529 90
2P+E
535 22 + 538 89
2P+E
520 32 + 520 99
520 22 + 520 89
3P+E
520 33 + 522 99
520 23 + 522 89
3P+N+E 520 34 + 522 99
520 24 + 522 89
2P+E
527 32 + 529 99
527 18 + 529 90
3P+E
527 33 + 529 99
527 19 + 529 90
3P+N+E 527 34 + 529 99
527 20 + 529 90
2P+E
536 32 + 538 99 536 22 + 53 889
3P+E
536 23 + 538 89
3P+N+E
536 24 + 538 89
2P+E
522 32 + 520 39
522 22 + 520 89
3P+E
522 33 + 522 39 522 23 + 522 89
3P+N+E 522 34 + 522 39 522 24 + 522 89
2P+E
529 32 + 529 39
529 18 + 529 90
3P+E
529 33 + 529 39
529 19 + 529 90
3P+N+E 529 34 + 529 39
529 20 + 529 90
3P+E
538 33 + 538 99 538 23 + 538 89
3P+N+E 538 34 + 538 99 538 24 + 538 89
3P+E
523 20 + 522 29
3P+E
523 59 + 529 40
16A
16A
32A
32A
63A
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com