Electronic Components Datasheet Search
  English  ▼

X  

591 03 Datasheet(PDF) 9 Page - Legrand North America, LLC

Part # 591 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 03 Datasheet(HTML) 9 Page - Legrand North America, LLC

Back Button 591 03 Datasheet HTML 5Page - Legrand North America, LLC 591 03 Datasheet HTML 6Page - Legrand North America, LLC 591 03 Datasheet HTML 7Page - Legrand North America, LLC 591 03 Datasheet HTML 8Page - Legrand North America, LLC 591 03 Datasheet HTML 9Page - Legrand North America, LLC 591 03 Datasheet HTML 10Page - Legrand North America, LLC 591 03 Datasheet HTML 11Page - Legrand North America, LLC 591 03 Datasheet HTML 12Page - Legrand North America, LLC 591 03 Datasheet HTML 13Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
Straight plugs IP44 LV
and ELV 16/32 A
Straight plugs LV 63 A
D
Ø
C
Ø
D
Material
Weight
Dimensions
Clamping/Grip
(kg)
ABCD
Ø
LV 16 A
Plastic
0.150
135
100
57
55
8 to 15
2 P +
T
Metal
0.365
Rubber
0.205
135
100
60
61
8 to 15
Plastic
0.175
139
103
65
60
8 to 15
3 P +
T
Metal
0.425
Rubber
0.260
139
103
68
66
8 to 15
Plastic
0,210
154
118
73
66
10 to 18
3 P + N +
T
Metal
0.535
Rubber
0.300
154
118
77
72
10 to 18
LV 32 A
Plastic
0.260
164
119
78
70,5
10 to 18
2 P +
T
Metal
0.645
Rubber
0.360
164
119
81
76,5
10 to 18
Plastic
0.260
164
119
78
70,5
12 to 22
3 P +
T
Metal
0,645
Rubber
0.360
164
119
81
76,5
12 to 22
Plastic
0.300
170
125
86
77
12 to 22
3 P + N +
T
Metal
0.685
Rubber
0.415
170
125
89
83
12 to 22
LV 63 A
2 P +
T
Plastic
0.580
255
188.5
-
102
16 to 26
Rubber
0.900
255
188.5
-
110
16 to 26
3 P +
T
Plastic
0.640
255
188.5
-
102
18.5 to 29
Rubber
0.980
255
188.5
-
110
18.5 to 29
3 P + N +
T
Plastic
0.700
255
188.5
-
102
20.5 to 32
Rubber
1.050
255
188.5
-
110
20.5 to 32
ELV 16 A
2 P
Plastic
0.180
142
107
62
55
8.5 to 22
ELV 32 A
2 P
Plastic
0.180
142
107
62
55
8.5 to 22
130
Fix 117
M20
120
4
5
30
M32
M32
50
190
271
25
3. DIMENSIONS (continued)
IP 66/67 - LV 63 A surface mounting sockets
70
Fix 152
53
170
M50
M20
M40
8
230
40
262
336
IP 66/67 - LV 125A surface mounting sockets
Weight
(kg)
63 A
2 P +
T
1.600
3 P +
T
1.650
3 P + N +
T 1.700
Weight
(kg)
125 A
3 P +
T
3.5
3 P + N +
T 3.7
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004
• IP 66/67
Straight plugs LV 63 A
Ø
113.5
Straight plugs LV 125 A
Ø131
Ø
Weight
Clamping/Grip Ø
(kg)
63 A
2P +
T
0.620
16 to 26
3P +
T
0.680
18.5 to 29
3 P+N+
T
0.750
20.5 to 32
Weight
Clamping/Grip Ø
(kg)
125 A
3P +
T
1.5
24 to 48
3 P+N+
T
1.7
28 to 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com