Electronic Components Datasheet Search
  English  ▼

X  

591 03 Datasheet(PDF) 5 Page - Legrand North America, LLC

Part # 591 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 03 Datasheet(HTML) 5 Page - Legrand North America, LLC

  591 03 Datasheet HTML 1Page - Legrand North America, LLC 591 03 Datasheet HTML 2Page - Legrand North America, LLC 591 03 Datasheet HTML 3Page - Legrand North America, LLC 591 03 Datasheet HTML 4Page - Legrand North America, LLC 591 03 Datasheet HTML 5Page - Legrand North America, LLC 591 03 Datasheet HTML 6Page - Legrand North America, LLC 591 03 Datasheet HTML 7Page - Legrand North America, LLC 591 03 Datasheet HTML 8Page - Legrand North America, LLC 591 03 Datasheet HTML 9Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
2. RANGE (continued)
Mobile sockets*
*Use a pilot wire in 63A.
2P
525 61
525 81
16A
Plastic
Rubber
16A
16A
32A
16A
16A
32A
32A
63A
63A
32A
32A
2P
524 61
524 81
3P
524 62
524 82
3P
525 62
2P
524 83
3P
524 84
2P
525 63
525 83
3P
525 64
525 84
2P
524 85
2P
2P+E
519 80
2P+E
519 82
2P+E
535 82
2P+E
520 82
520 92
3P+E
520 83
520 93
3P+N+E
520 84
520 94
2P+E
527 82
527 92
3P+E
527 83
527 93
3P+N+E
527 84
527 94
2P+E
536 82
536 92
3P+E
536 83
3P+N+E
536 84
2P+E
522 82
522 92
3P+E
522 83
522 93
3P+N+E
522 84
522 94
2P+E
529 82
529 92
3P+E
529 83
529 93
3P+N+E
529 84
529 94
3P+E
538 83
538 93
3P+N+E
538 84
538 94
3P+E
523 22
3P+E
523 62
16A
16A
32A
32A
63A
Surface appliance inlets*
Metal
Plastic
16A
16A
32A
32A
63A
63A
2P+E
519 70
2P+E
519 72
2P+E
2P+E
521 62
521 72
3P+E
520 73
3P+N+E
520 74
2P+E
528 62
528 72
3P+E
527 73
3P+N+E
527 74
2P+E
537 72
3P+E
3P+N+E
2P+E
522 72
3P+E
521 63
521 73
3P+N+E
521 64
521 74
2P+E
529 72
3P+E
528 63
528 73
3P+N+E
528 64
528 74
3P+E
537 63
537 73
3P+N+E
537 64
537 74
16A
32A
63A
Metal
Plastic
16A
16A
32A
32A
63A
63A
2P+E
519 70 + 520 79
2P+E
519 72 + 529 79
2P+E
2P+E
521 62 + 520 69
521 72 + 520 79
3P+E
520 73 + 522 79
3P+N+E
520 74 + 522 79
2P+E
528 62 + 529 69
528 72 + 529 79
3P+E
527 73 + 529 79
3P+N+E
527 74 + 529 79
2P+E
537 72 + 538 79
3P+E
3P+N+E
2P+E
522 72 + 520 79
3P+E
521 63 + 522 69
521 73 + 522 79
3P+N+E 521 64 + 522 69
521 74 + 522 79
2P+E
529 72 + 529 79
3P+E
528 63 + 529 39
528 73 + 529 79
3P+N+E 528 64 + 529 69
528 74 + 529 79
3P+E
537 63 + 538 69
537 73 + 538 79
3P+N+E 537 64 + 538 69
537 74 + 538 79
16A
32A
63A
Technical sheet : F00138EN01
Updated : 05/03/2007
Created : 22/01/2004
2. RANGE (continued)
Panel appliance inlets*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com