Electronic Components Datasheet Search
  English  ▼

X  

591 03 Datasheet(PDF) 10 Page - Legrand North America, LLC

Part # 591 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 03 Datasheet(HTML) 10 Page - Legrand North America, LLC

Back Button 591 03 Datasheet HTML 6Page - Legrand North America, LLC 591 03 Datasheet HTML 7Page - Legrand North America, LLC 591 03 Datasheet HTML 8Page - Legrand North America, LLC 591 03 Datasheet HTML 9Page - Legrand North America, LLC 591 03 Datasheet HTML 10Page - Legrand North America, LLC 591 03 Datasheet HTML 11Page - Legrand North America, LLC 591 03 Datasheet HTML 12Page - Legrand North America, LLC 591 03 Datasheet HTML 13Page - Legrand North America, LLC 591 03 Datasheet HTML 14Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
3.DIMENSIONS (continued)
Mobile sockets IP 44 - LV and ELV 16 /32A and LV 63A
Ø
B
D
C
B
C
Ø
Material
Weight
Dimensions
Clamping/Grip
(kg)
A
B
C
D
Ø
LV 16 A
2 P +
T
Plastic
0.170
147
54.5
74
55
8 to 15
Rubber
0.250
147
58
74
61
8 to 15
3 P +
T
Plastic
0.200
151
61.5
81
60
8 to 15
Rubber
0.285
151
65
81
66
8 to 15
3 P + N +
T
Plastic
0.245
172
69.5
90
66
10 to 18
Rubber
0.335
172
72.5
90
72
10 to 18
LV 32 A
2 P +
T
Plastic
0.300
177
71
93
70.5
10 to 18
Rubber
0.400
177
74.5
93
76.5
10 to 18
3 P +
T
Plastic
0.300
177
71
93
70.5
12 to 22
Rubber
0.400
177
74.5
93
76.5
12 to 22
3 P + N +
T
Plastic
0.350
183
77.5
100
77
12 to 22
Rubber
0.475
183
80.5
100
83
12 to 22
LV 63 A
2 P +
T
Plastic
0.700
273
96
119
-
16 to 26
Rubber
1.200
273
110
124
-
16 to 26
3 P +
T
Plastic
0.770
273
96
119
-
18.5 to 29
Rubber
1.300
273
110
124
-
18.5 to 29
3 P + N +
T
Plastic
0.830
273
96
119
-
20.5 to 32
Rubber
1.400
273
110
124
-
20.5 to 32
ELV 16 A
2 P
Plastic
0.190
148
54.5
74
55
8.5 to 22
ELV 32 A
2 P
Rubber
0.240
148
58
74
61
8.5 to 22
3. DIMENSIONS (suite)
Angled plugs IP 44 - LV and ELV 16 and 32A
Angled plugs IP 44 - LV 63A
E
30
C
D
E
D
C
30
Material
Weight
Dimensions
Clamping/Grip
(kg)
ABCD
E
Ø
LV 16 A
Plastic
0.145
136
100
29.5
100
55
8 to 15
2 P +
T
Metal
0.395
Rubber
0.230
136
100
29.5
100
61
8 to 15
Plastic
0.185
141
105
33.5
105
60
8 to 15
3 P +
T
Metal
0.455
Rubber
0.290
141
105
33.5
105
66
8 to 15
Plastic
0.220
150
114
37.5
114
66
10 to 18
3 P + N +
T
Metal
0.565
Rubber
0.330
150
114
37.5
114
72
10 to 18
LV 32 A
Plastic
0.275
161
116
39.5
116
70,5
10 to 18
2 P +
T
Metal
0.745
Rubber
0.390
161
116
39.5
116
76,5
10 to 18
Plastic
0.275
161
116
39.5
116
70,5
12 to 22
3 P +
T
Metal
0.745
Rubber
0.390
161
116
39.5
116
76,5
12 to 22
Plastic
0.320
167
122
44.5
122
77
12 to 22
3 P + N +
T
Metal
0.790
Rubber
0.435
167
122
44.5
122
83
12 to 22
LV 63 A
2 P +
T
Metal
1.000
243,5
177
51
168
102
16 to 26
3 P +
T
Metal
1.150
243,5
177
51
168
102
18.5 to 29
Rubber
1.030
243,5
177
51
168
110
18.5 to 29
3 P + N +
T
Metal
1.250
243,5
177
51
168
102
20.5 to 32
Rubber
1.100
243,5
177
51
168
110
20.5 to 32
ELV 16 A
2 P
Rubber
0.250
131
107
30
107
61
8.5 to 22
ELV 32 A
2 P
Rubber
0.250
131
107
30
107
61
8.5 to 22
16/32A
63A
Mobile sockets IP 66/67 - LV 63 and 125A
119
Ø
113.5
Ø131
136
Ø
63A
125A
Ø
Clamping
Ø
Clamping
Grip
Grip
2P+E
0.780
16 to 26
3P+E
0.850
18.5 to 29
1.8
24 to 48
3P+N+E
0.910
20.5 to 32
2
28 to 48
63A
125A
Weight
Weight
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com