Electronic Components Datasheet Search
  English  ▼

X  

RAA808013 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RAA808013
Description  2.7V to 5.5V Input, 3A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA808013 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RAA808013 Datasheet HTML 1Page - Renesas Technology Corp RAA808013 Datasheet HTML 2Page - Renesas Technology Corp RAA808013 Datasheet HTML 3Page - Renesas Technology Corp RAA808013 Datasheet HTML 4Page - Renesas Technology Corp RAA808013 Datasheet HTML 5Page - Renesas Technology Corp RAA808013 Datasheet HTML 6Page - Renesas Technology Corp RAA808013 Datasheet HTML 7Page - Renesas Technology Corp RAA808013 Datasheet HTML 8Page - Renesas Technology Corp RAA808013 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
R16DS0199EU0101 Rev.1.01
Page 4
Feb 6, 2024
RAA808013 Datasheet
1.2
Block Diagram
Figure 4. Functional Block Diagram
ZCD Control
Ton
Logic
Control
Peak Current
Detector
SCP
Driver
VREF
Soft-Start
100% Duty
Cycle
FB
EA
Shutdown
UVLO
OTP
EN
VIN
SW
GND
Ramp
PG
PG
CSA
6
5
1
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com