Electronic Components Datasheet Search
  English  ▼

X  

RAA808013 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RAA808013
Description  2.7V to 5.5V Input, 3A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA808013 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RAA808013 Datasheet HTML 5Page - Renesas Technology Corp RAA808013 Datasheet HTML 6Page - Renesas Technology Corp RAA808013 Datasheet HTML 7Page - Renesas Technology Corp RAA808013 Datasheet HTML 8Page - Renesas Technology Corp RAA808013 Datasheet HTML 9Page - Renesas Technology Corp RAA808013 Datasheet HTML 10Page - Renesas Technology Corp RAA808013 Datasheet HTML 11Page - Renesas Technology Corp RAA808013 Datasheet HTML 12Page - Renesas Technology Corp RAA808013 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
R16DS0199EU0101 Rev.1.01
Page 9
Feb 6, 2024
RAA808013 Datasheet
Figure 9. VOUT Regulation vs Load, VOUT = 0.6V
Figure 10. VOUT Regulation vs Load, VOUT = 3.3V
Figure 11. Line Regulation, VOUT = 1.2V
Figure 12. Line Regulation, VOUT = 0.6V
Figure 13. Line Regulation, VOUT = 3.3V
L=1µH, Cout=22µF, TA = +25°C (Cont.)
0.580
0.584
0.588
0.592
0.596
0.600
0.604
0.608
0.612
0.616
0.620
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Load Current (A)
2.7V
3.3V
5V
5.5V
3.10
3.14
3.18
3.22
3.26
3.30
3.34
3.38
3.42
3.46
3.50
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Load Current (A)
4.5V
5V
5.5V
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
0.0A
1.5A
3.0A
0.50
0.52
0.54
0.56
0.58
0.60
0.62
0.64
0.66
0.68
0.70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
0.0A
1.5A
3.0A
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
0.0A
1.5A
3.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com