Electronic Components Datasheet Search
  English  ▼

X  

RAA808013 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RAA808013
Description  2.7V to 5.5V Input, 3A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA808013 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RAA808013 Datasheet HTML 4Page - Renesas Technology Corp RAA808013 Datasheet HTML 5Page - Renesas Technology Corp RAA808013 Datasheet HTML 6Page - Renesas Technology Corp RAA808013 Datasheet HTML 7Page - Renesas Technology Corp RAA808013 Datasheet HTML 8Page - Renesas Technology Corp RAA808013 Datasheet HTML 9Page - Renesas Technology Corp RAA808013 Datasheet HTML 10Page - Renesas Technology Corp RAA808013 Datasheet HTML 11Page - Renesas Technology Corp RAA808013 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
R16DS0199EU0101 Rev.1.01
Page 8
Feb 6, 2024
RAA808013 Datasheet
4.
Typical Performance Graphs
4.1
Buck Efficiency Curves
Fault Protection
Peak Current Limited
Ipeak
-
3.7[4]
4.6
-
A
Hiccup Time
-
-
-
3.6
-
ms
Zero Cross Threshold
IZCD
--
50
-
mA
Thermal Shutdown Temperature
TSD
Rising Threshold
-
160
-
°C
THYS
Hysteresis
-
15
-
°C
1. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
2. Test Condition: VIN = 5V, FB forced above regulation point (0.6V), no switching, and power MOSFET gate charging current not included.
3. Minimum On-Time required to maintain loop stability.
4. Compliance to limits is assured by design.
L=1µH, Cout=22µF, TA = +25°C
Figure 5. Efficiency vs Load, VOUT = 1.2V
Figure 6. Efficiency vs Load, VOUT = 0.6V
Figure 7. Efficiency vs Load, VOUT = 3.3V
Figure 8. VOUT Regulation vs Load, VOUT = 1.2V
Typical operating conditions at 25°C, VIN = 5V, TJ = -40 to +125 °C, unless otherwise specified. Boldface limits apply across the
operating temperature range (-40°C to +125°C) (Cont.)
Parameter
Symbol
Test Conditions
Min[1]
Typ
Max[1]
Unit
60
65
70
75
80
85
90
95
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Load Current (A)
2.7V
3.3V
5V
5.5V
50
55
60
65
70
75
80
85
90
95
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Load Current (A)
2.7V
3.3V
5V
5.5V
80
82
84
86
88
90
92
94
96
98
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Load Current (A)
4.5V
5V
5.5V
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Load Current (A)
2.7V
3.3V
5V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com