Electronic Components Datasheet Search
  English  ▼

X  

RAA808013 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RAA808013
Description  2.7V to 5.5V Input, 3A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA808013 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RAA808013 Datasheet HTML 9Page - Renesas Technology Corp RAA808013 Datasheet HTML 10Page - Renesas Technology Corp RAA808013 Datasheet HTML 11Page - Renesas Technology Corp RAA808013 Datasheet HTML 12Page - Renesas Technology Corp RAA808013 Datasheet HTML 13Page - Renesas Technology Corp RAA808013 Datasheet HTML 14Page - Renesas Technology Corp RAA808013 Datasheet HTML 15Page - Renesas Technology Corp RAA808013 Datasheet HTML 16Page - Renesas Technology Corp RAA808013 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
R16DS0199EU0101 Rev.1.01
Page 13
Feb 6, 2024
RAA808013 Datasheet
5.
Functional Description
The RAA808013 is the low voltage buck regulator capable of running at 100% duty cycle. It can output 3A current
continuously from a 2.7V to 5.5V input voltage with excellent load and line regulation. The Protection includes
input UVP, cycle-by-cycle peak current limit, hiccup mode OCP and OTP. The constant on-time control scheme
provides a fast response for dynamic load and high efficiency for a light load.
Comparied to the traditional COT, RAA808013 offers a nearly constant frequency by input voltage feed-forward
and output voltage feedback. It can keep the frequency at 1.5MHz (typical) across the full input and output voltage
range. It can run in DCM by using a zero-cross detector circuit to achieve high efficiency at light load. Also, in
sleep mode, it can achieve significantly low standby power loss.
The chip can run in constant off-time mode when VIN is close to VOUT. It can keep the VOUT in the regulation even
if VIN is close to VOUT. The 100% duty cycle can be achieved when VOUT equals VIN.
5.1
Soft-Start
When VIN reaches 2.65V and EN is high, the PWM starts up with an internal soft-start cap being charged by an
internal current source after a short time delay. The soft-start time is 800μs. The delay time of EN/Power-on to
soft-start is 750μs. Figure 32 shows the startup sequence diagram. RAA808013 supports pre-bias start-up.
5.2
Constant On-Time Operation
RAA808013 operates in a constant on-time mode in most light load to full load, regulating the output voltage with
the constant on-time operation. With VIN feed-forward and VOUT feedback, the switching frequency in this mode is
almost constant.
5.3
100% Duty Cycle
When the input voltage is lower than the output set point, the high-side MOSFET stays on to keep the output
voltage equal to the input voltage.
5.4
Light-Load Operation
When the load is light, with the valley of inductor current dropping to below zero, the RAA808013 switches to DCM
mode.
When the load is light enough, the RAA808013 enters into PFM Sleep mode. In the sleep mode, off-time
increases, and some unnecessary circuits are disabled for power saving. Figure 33 shows the DCM operation.
The IC enters the DCM mode of operation when eight consecutive cycles of inductor current crossing zero are
detected.
Figure 32. Startup Sequence
Vo
EN
tDELAY
tSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com