Electronic Components Datasheet Search
  English  ▼

X  

2821 Datasheet(PDF) 24 Page - Adafruit Industries

Part # 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Datasheet(HTML) 24 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 20Page - Adafruit Industries 2821 Datasheet HTML 21Page - Adafruit Industries 2821 Datasheet HTML 22Page - Adafruit Industries 2821 Datasheet HTML 23Page - Adafruit Industries 2821 Datasheet HTML 24Page - Adafruit Industries 2821 Datasheet HTML 25Page - Adafruit Industries 2821 Datasheet HTML 26Page - Adafruit Industries 2821 Datasheet HTML 27Page - Adafruit Industries 2821 Datasheet HTML 28Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
The above shows the Micro USB jack (left), Lipoly JST jack (top left), as well as the 3.3V regulator and changeover
diode (just to the right of the JST jack) and the Lipoly charging circuitry (right below the regulator).
There's also a CHG LED next to the USB jack, which will light up while the battery is charging. This LED might also
flicker if the battery is not connected.
Power supplies
You have a lot of power supply options here! We bring out the BAT pin, which is tied to the lipoly JST connector, as
well as USB which is the +5V from USB if connected. We also have the 3V pin which has the output from the 3.3V
regulator. We use a 500mA peak low-dropout regulator. While you can get 500mA from it, you can't do it continuously
from 5V as it will overheat the regulator. We use this to power the ESP8266 which can draw spikes of 250+mA
(although its not continuous).
You should be able to budget about 250mA current available from the regulator, which will leave plenty for the WiFi
module.
Measuring Battery
If you're running off of a battery, chances are you wanna know what the voltage is at! That way you can tell when the
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 24 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com