Electronic Components Datasheet Search
  English  ▼

X  

2821 Datasheet(PDF) 10 Page - Adafruit Industries

Part # 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Datasheet(HTML) 10 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 6Page - Adafruit Industries 2821 Datasheet HTML 7Page - Adafruit Industries 2821 Datasheet HTML 8Page - Adafruit Industries 2821 Datasheet HTML 9Page - Adafruit Industries 2821 Datasheet HTML 10Page - Adafruit Industries 2821 Datasheet HTML 11Page - Adafruit Industries 2821 Datasheet HTML 12Page - Adafruit Industries 2821 Datasheet HTML 13Page - Adafruit Industries 2821 Datasheet HTML 14Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
RX and TX are the serial control and bootloading pins, and are how you will spend most of your time communicating
with the ESP module
The TX pin is the output from the module and is 3.3V logic.
The RX pin is the input into the module and is 5V compliant (there is a level shifter on this pin)
These are connected through to the CP2104 USB-to-Serial converter so they should
not be connected to or used
unless you're super sure you want to because you will also be getting the USB traffic on these!
I2C & SPI pins
You can use the ESP8266 to control I2C and SPI devices, sensors, outputs, etc. While this is done by 'bitbanging', it
works quite well and the ESP8266 is fast enough to match 'Arduino level' speeds.
In theory you can use
any pins for I2C and SPI but to make it easier for people using existing Arduino code, libraries,
sketches we set up the following:
I2C SDA = GPIO #4 (default)
I2C SCL = GPIO #5 (default)
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 10 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com