Electronic Components Datasheet Search
  English  ▼

X  

2821 Datasheet(PDF) 25 Page - Adafruit Industries

Part # 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Datasheet(HTML) 25 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 21Page - Adafruit Industries 2821 Datasheet HTML 22Page - Adafruit Industries 2821 Datasheet HTML 23Page - Adafruit Industries 2821 Datasheet HTML 24Page - Adafruit Industries 2821 Datasheet HTML 25Page - Adafruit Industries 2821 Datasheet HTML 26Page - Adafruit Industries 2821 Datasheet HTML 27Page - Adafruit Industries 2821 Datasheet HTML 28Page - Adafruit Industries 2821 Datasheet HTML 29Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
battery needs recharging. Lipoly batteries are 'maxed out' at 4.2V and stick around 3.7V for much of the battery life,
then slowly sink down to 3.2V or so before the protection circuitry cuts it off. By measuring the voltage you can quickly
tell when you're heading below 3.7V
Since the ESP8266 does not have multiple ADC pins, we didn't want to 'sacrifice' one for Lipoly battery monitoring.
However we do have a tutorial that mentions how to do it, using two resistors. You cancheck out the wiring diagram
here (use the VBat pin to measure) and the code here.
ENable pin
If you'd like to turn off the 3.3V regulator, you can do that with the EN(able) pin. Simply tie this pin to Ground and it will
disable the 3V regulator. The BAT and USB pins will still be powered
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 25 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com