Electronic Components Datasheet Search
  English  ▼

X  

2821 Datasheet(PDF) 12 Page - Adafruit Industries

Part # 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Datasheet(HTML) 12 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 8Page - Adafruit Industries 2821 Datasheet HTML 9Page - Adafruit Industries 2821 Datasheet HTML 10Page - Adafruit Industries 2821 Datasheet HTML 11Page - Adafruit Industries 2821 Datasheet HTML 12Page - Adafruit Industries 2821 Datasheet HTML 13Page - Adafruit Industries 2821 Datasheet HTML 14Page - Adafruit Industries 2821 Datasheet HTML 15Page - Adafruit Industries 2821 Datasheet HTML 16Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
voltage you want to read that is higher, it will have to be divided down to 0 - 1.0V range
Other control pins
We have a few other pins for controlling the ESP8266
RST - this is the reset pin for the ESP8266, pulled high by default. When pulled down to ground momentarily it
will reset the ESP8266 system. This pin is 3.3V logic only
EN (CH_PD) - This is the enable pin for the ESP8266, pulled high by default. When pulled down to ground
momentarily it will reset the ESP8266 system. This pin is 3.3V logic only
NC Pins
The rest of the pins are labeled NC which means Not Connected - they are not connected to anything and are there as
placeholders only, to maintain physical compatibility with the other boards in the Feather line!
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 12 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com