| Electronic Components Datasheet Search |
|
TLC2933AIPWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2933AIPWR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 25 page ![]() TLC2933A HIGH PERFORMANCE PHASE LOCKED LOOP SLES149 − OCTOBER 2005 3 TI.COM detailed description VCO oscillation frequency The VCO oscillation frequency is determined by an external register (RBIAS) connected between the VCO VDD and the BIAS terminals. The oscillation frequency and range depends on this Resistor value. For the lock frequency range, refer to the recommended operating conditions. Figure 1 shows the typical frequency variation and VCO control voltage. Bias Resistor (RBIAS) VCO Oscillation Frequency Range 1/2 VDD VCO Control Voltage (VCO IN) Figure 1. Oscillation Frequency VCO output frequency 1/2 divider The TLC2933A SELECT terminal sets the fOSC VCO output frequency as shown in Table 1. The 1/2 fOSC output should be used for minimum VCO output jitter. Table 1. VCO Output 1/2 Divider Function SELLECT VCO OUTPUT Low fOSC High 1/2 fOSC VCO inhibit function The VCO has an externally controlled inhibit function which inhibit the VCO output. A high level on the VCO INHIBIT terminal stops the VCO oscillation and powers down the VCO. The output maintains a low level during the power−down mode as shown in Table 2. Table 2. VCO Inhibit Function VCO INHIBIT VCO OSCILLATOR VCO OUT IDD(VCO) Low Active Active Normal High Stopped Low level Power Down PFD operation The PFD is a high-speed, edge-triggered detector with an internal charge pump. The PFD detects the phase difference between two frequency inputs supplied to FIN−A and FIN−B as shown in Figure 2. Normally the reference is supplied to FIN−A and the frequency from the external counter output is fed to FIN−B. For clock recovery PLL system, other types of phase detectors should be used. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |