Electronic Components Datasheet Search
  English  ▼

X  

TLC2933AIPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC2933AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2933AIPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2933AIPWR Datasheet HTML 2Page - Texas Instruments TLC2933AIPWR Datasheet HTML 3Page - Texas Instruments TLC2933AIPWR Datasheet HTML 4Page - Texas Instruments TLC2933AIPWR Datasheet HTML 5Page - Texas Instruments TLC2933AIPWR Datasheet HTML 6Page - Texas Instruments TLC2933AIPWR Datasheet HTML 7Page - Texas Instruments TLC2933AIPWR Datasheet HTML 8Page - Texas Instruments TLC2933AIPWR Datasheet HTML 9Page - Texas Instruments TLC2933AIPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TLC2933A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES149 − OCTOBER 2005
6
TI.COM
electrical characteristics, VDD = 3 V, TA = 25°C (unless otherwise noted) (continued)
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
2.4
V
VOL
Low level output voltage
IOL = 2 mA
0.3
V
IOZ
High impedance state output current
PFD inhibit = high, VO = VDD or GND
±1
µA
VIH
High level input voltage at Fin−A, Fin−B
2.1
V
VIL
Low level input voltage at Fin−A, Fin−B
0.5
V
VTH
Input threshold voltage at PFD inhibit
0.9
1.5
2.1
CIN
Input capacitance at Fin−A, Fin−B
5.6
pF
ZIN
Input impedance at Fin−A, Fin−B
10
M
Ω
IDD(Z)
High impedance state PFD supply current
See Note 6
1
µA
IDD(PFD)
PFD supply current
See Note 7
3
mA
NOTES:
6. The current into LOGIC VDD when FIN−A and FIN−B = ground, PFD INHIBIT = VDD, PFD OUT open, and VCO OUT is inhibited.
7. The current into LOGIC VDD when FIN−A = 1 MHz and FIN−B = 1 MHz (VI(PP) = 3 V, rectangular wave), PFD INHIBIT = GND, PFD
OUT open, and VCO OUT is inhibited.
operation characteristics, VDD = 3 V, TA = 25°C (unless otherwise noted)
VCO section
Parameter
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operation oscillation frequency
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
32
47
63
MHz
fSTB
Time to stable oscillation (see Note 8)
10
µs
tr
Rise time
CL = 15 pF
8.6
14
ns
tf
Fall time
CL = 15 pF
7.1
12
ns
Duty cycle at VCO OUT
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
45%
50%
55%
α (fOSC) Temperature coefficient of oscillation
frequency
VCO IN = 1/2 VDD,
TA = –20°C to 75°C
–0.21
%/
°C
kSVS
(fosc)
Supply voltage coefficient of oscillation
frequency
VCO IN = 1/2 VDD,
VDD = 4.75 V to 5.25 V
0.002
%/mV
Jitter absolute (see Note 9)
PLL jitter, N = 128
262
ps
NOTES:
8. The time period to the stable VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
9. Jitter performance is highly dependent on circuit layout and external device characteristics. The jitter specification was made with
a carefully deigned PCB with no device socket.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum operation frequency
32
MH
tPLZ
PFD output disable time from low level
22
50
ns
tPHZ
PFD output disable time from high level
21
50
ns
tPZL
PFD output enable time to low level
6.5
30
ns
tPZH
PFD output enable time to high level
7
30
ns
tr
Rise time
CL = 15 pF
3.4
10
ns
tf
Fall time
CL = 15 pF
1.9
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com