Electronic Components Datasheet Search
  English  ▼

X  

TLC2933AIPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC2933AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2933AIPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2933AIPWR Datasheet HTML 5Page - Texas Instruments TLC2933AIPWR Datasheet HTML 6Page - Texas Instruments TLC2933AIPWR Datasheet HTML 7Page - Texas Instruments TLC2933AIPWR Datasheet HTML 8Page - Texas Instruments TLC2933AIPWR Datasheet HTML 9Page - Texas Instruments TLC2933AIPWR Datasheet HTML 10Page - Texas Instruments TLC2933AIPWR Datasheet HTML 11Page - Texas Instruments TLC2933AIPWR Datasheet HTML 12Page - Texas Instruments TLC2933AIPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TLC2933A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES149 − OCTOBER 2005
9
TI.COM
operation characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operation oscillation frequency
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
70
99
130
MHz
fSTB
Time to stable oscillation (see Note 20)
10
us
tr
Rise time
CL = 15 pF
5.4
10
ns
tf
Fall time
CL = 15 pF
5
10
ns
fDUTY
Duty cycle at VCO OUT
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
45%
50%
55%
α (fOSC)
Temperature coefficient of oscillation
frequency
VCO IN = 1/2 VDD, TA = –20°C to
75
°C
–0.309
%/
°C
kSVS(fOS
C)
Supply voltage coefficient of oscillation
frequency
VCO IN = 1/2 VDD, VDD = 4.75 V
to 5.25 V
0.001
%/mV
Jitter absolute (see Note 21)
PLL jitter, N = 128
140
ps
NOTES: 20. The time period to the stable VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
21. Jitter performance is highly dependent on circuit layout and external device characteristics. The jitter specification was made with
a carefully deigned PCB with no device socket.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum operation frequency
65
MHz
tPLZ
PFD output disable time from low level
20
40
ns
tPHZ
PFD output disable time from high level
20
40
ns
tPZL
PFD output enable time to low level
4
20
ns
tPZH
PFD output enable time to high level
4.3
20
ns
tr
Rise time
CL = 15 pF
2.1
10
ns
tf
Fall time
CL = 15 pF
1.3
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com