Electronic Components Datasheet Search
  English  ▼

X  

TLC2933AIPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC2933AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2933AIPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2933AIPWR Datasheet HTML 4Page - Texas Instruments TLC2933AIPWR Datasheet HTML 5Page - Texas Instruments TLC2933AIPWR Datasheet HTML 6Page - Texas Instruments TLC2933AIPWR Datasheet HTML 7Page - Texas Instruments TLC2933AIPWR Datasheet HTML 8Page - Texas Instruments TLC2933AIPWR Datasheet HTML 9Page - Texas Instruments TLC2933AIPWR Datasheet HTML 10Page - Texas Instruments TLC2933AIPWR Datasheet HTML 11Page - Texas Instruments TLC2933AIPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TLC2933A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES149 − OCTOBER 2005
8
TI.COM
operation characteristics, VDD = 3.3 V, TA = 25°C (unless otherwise noted) (continued)
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum operation frequency
40
MHz
tPLZ
PFD output disable time from low level
21
50
ns
tPHZ
PFD output disable time from high level
21
50
ns
tPZL
PFD output enable time to low level
5.8
30
ns
tPZH
PFD output enable time to high level
6.2
30
ns
tr
Rise time
CL = 15 pF
3
10
ns
tf
Fall time
CL = 15 pF
1.7
10
ns
electrical characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
4
V
VOL
Low level output voltage
IOL = 2 mA
0.5
V
VTH
Input threshold voltage at select, VCO
inhibit
1.5
2.5
3.5
V
II
Input current at select, VCO inhibit
VI = VDD or GND
±1
µA
ZI(VCOIN)
VCO IN input impedance
VCO IN = 1/2 VDD
10
M(
IDD(inh)
VCO supply current (inhibit)
See Note 16
0.61
1
µA
IDD(vco)
VCO supply current
See Note 17
35.5
55
mA
NOTES: 16. Current into VCO VDD, when VCO INHIBIT = high, PFD is inhibited.
17. Current into VCO VDD, when VCO IN = 1/2 VDD, RBIAS = 3.3 kΩ, VCOOUT = 15-pF Load, VCO INHIBIT = GND, and
PFD INHIBIT = GND.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
4.5
V
VOL
Low level output voltage
IOL = 2 mA
0.2
V
IOZ
High impedance state output current
PFD inhibit = high, Vo = VDD or
GND
±1
µA
VIH
High level input voltage at Fin−A, Fin−B
4.5
V
VIL
Low level input voltage at Fin−A, Fin−B
1
V
VTH
Input threshold voltage at PFD inhibit
1.5
2.5
3.5
CIN
Input capacitance at Fin−A, Fin−B
5.6
pF
ZIN
Input impedance at Fin−A, Fin−B
10
M
Ω
IDD(Z)
High impedance state PFD supply current
See Note 18
1
µA
IDD(PFD)
PFD supply current
See Note 19
0.48
3
mA
NOTES: 18. The current into LOGIC VDD when FIN−A and FIN−B = ground, PFD INHIBIT = VDD, PFD OUT open, and VCO OUT is inhibited.
19. The current into LOGIC VDD when FIN−A = 1 MHz and FIN−B = 1 MHz (VI(PP) = 5 V, rectangular wave), PFD INHIBIT = GND, PFD
OUT open, and VCO OUT is inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com