Electronic Components Datasheet Search
  English  ▼

X  

XC9503 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9503
Description  2ch.Step-Down DC/DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9503 Datasheet HTML 1Page - Torex Semiconductor XC9503 Datasheet HTML 2Page - Torex Semiconductor XC9503 Datasheet HTML 3Page - Torex Semiconductor XC9503 Datasheet HTML 4Page - Torex Semiconductor XC9503 Datasheet HTML 5Page - Torex Semiconductor XC9503 Datasheet HTML 6Page - Torex Semiconductor XC9503 Datasheet HTML 7Page - Torex Semiconductor XC9503 Datasheet HTML 8Page - Torex Semiconductor XC9503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
XC9503 Series
2ch.Step-Down DC/DC Controller ICs
■
GENERAL DESCRIPTION
XC9503 series are PWM controlled, PWM/PFM automatic switching controlled, multi-functional, 2 channel step-down DC/DC
controller ICs. Since the series has a built-in 0.9V reference voltage (accuracy ±2%), 0.9V to 6.0V can be set using external
components.
With a 300kHz frequency, the size of the external components can be reduced. Switching frequencies of 180kHz & 500kHz
are also available as custom-designed products.
The control of the XC9503 series can be switched between PWM control and PWM/PFM automatic switching control using
external signals. Control switches from PWM to PFM during light loads when automatic switching is selected and the series is
highly efficient from light loads through to large output currents. Noise is easily reduced with PWM control since the frequency
is fixed. The series gives freedom to select control suited to the application.
Soft-start time is internally set to 10msec and offers protection against in-rush currents when the power is switched on and
also protects against voltage overshoot.
■
APPLICATIONS
●
PDAs
●
Palmtop computers
●
Digital cameras
●
Various multi function power supplies
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
2 ch DC/DC Controller (Step-Down & Down)
Input Voltage Range
: 2.0V ~ 10V
Power Supply Voltage Range : 2.0V ~ 10V
Output Voltage Range
: 0.9V ~ 6.0V (set by FB pins)
Oscillation Frequency
: 300kHz (±15%)
(180kHz, 500kHz custom)
Maximum Duty Cycle
: 100%
Control Method:
: PWM or PWM/PFM Selectable
Output Current
: More than 1000mA
(VIN=5.0V, VOUT=3.3V)
High Efficiency
: 92% (TPY.)
Stand-By Function
: 3.0μA (MAX.)
Soft-Start Time
: 10 ms (internally set)
Package
: MSOP-10, USP-10
<XC9503B093A VOUT①: 3.3V, VOUT②: 1.8V >
■
TYPICAL PERFORMANCE
CHARACTERISTICS
●
Efficiency vs. Output Current
☆
GO-Compatible
ETR0703_001


Similar Part No. - XC9503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9503B092 TOREX-XC9503B092 Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9503B092A TOREX-XC9503B092A Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9503B092AL TOREX-XC9503B092AL Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9503B092AR TOREX-XC9503B092AR Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
More results

Similar Description - XC9503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
16V Input Voltage, Step-Down DC/DC Controller ICs.
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
2ch.Step-Up/Up DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
2 ch.Step-Down / Inverting DC/DC Controller ICs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com