Electronic Components Datasheet Search
  English  ▼

X  

XC9503 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC9503
Description  2ch.Step-Down DC/DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC9503 Datasheet HTML 18Page - Torex Semiconductor XC9503 Datasheet HTML 19Page - Torex Semiconductor XC9503 Datasheet HTML 20Page - Torex Semiconductor XC9503 Datasheet HTML 21Page - Torex Semiconductor XC9503 Datasheet HTML 22Page - Torex Semiconductor XC9503 Datasheet HTML 23Page - Torex Semiconductor XC9503 Datasheet HTML 24Page - Torex Semiconductor XC9503 Datasheet HTML 25Page - Torex Semiconductor XC9503 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22/32
XC9503 Series
(3) Ripple Voltage vs. Output Current (Continued)
FOSC=500kHz, VOUT1, 2=3.3V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM Control
L=10μ H(CDRH5D28), CL=94μ F(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10V
VIN=4.2V
5.0V
6.0V
8.0V
FOSC=500kHz, VOUT1, 2=3.3V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM/PFM Switching Control
L=10μ H(CDRH5D28), CL=94μ F(Tantalum)
SD:CMS02, Tr:XP162A12A6P
10V
VIN=4.2V
8.0V
6.0V
5.0V
FOSC=500kHz, VOUT1, 2=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM Control
L=10μ H(CDRH5D28), CL=94μF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
8.0V
VIN=6.0V
10V
FOSC=500kHz, VOUT1, 2=5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current1, 2 IOUT1, 2 (mA)
PWM/PFM Switching Control
L=10μ H(CDRH5D28), CL=94μF(Tantalum)
SD:CMS02, Tr:XP162A12A6P
8.0V
VIN=6.0V
10V
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com