Electronic Components Datasheet Search
  English  ▼

X  

XC9503 Datasheet(PDF) 28 Page - Torex Semiconductor

Part # XC9503
Description  2ch.Step-Down DC/DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503 Datasheet(HTML) 28 Page - Torex Semiconductor

Back Button XC9503 Datasheet HTML 24Page - Torex Semiconductor XC9503 Datasheet HTML 25Page - Torex Semiconductor XC9503 Datasheet HTML 26Page - Torex Semiconductor XC9503 Datasheet HTML 27Page - Torex Semiconductor XC9503 Datasheet HTML 28Page - Torex Semiconductor XC9503 Datasheet HTML 29Page - Torex Semiconductor XC9503 Datasheet HTML 30Page - Torex Semiconductor XC9503 Datasheet HTML 31Page - Torex Semiconductor XC9503 Datasheet HTML 32Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28/32
XC9503 Series
< VOUT1, 2 = 0.9V, VIN = 3.3V, IOUT1, 2 =100μA ⇔ 300mA >
●
PWM Control
CH1
CH2
0.9V
300mA
100μA
200μsec/div
CH1: VOUT1, 2, AC-COUPLED, 20mV/div
CH2: IOUT1, 2, 150mA/div
●
PWM/PFM Switching Control
FOSC=300kHz, VOUT1, 2 =0.9V
VIN=3.3V, IOUT1, 2 =100μA→300mA
CH1
CH2
300mA
0.9V
200μsec/div
FOSC=300kHz, VOUT1, 2 =0.9V
VIN=3.3V, IOUT1, 2 =100μA→300mA
CH1
CH2
0.9V
300mA
FOSC=300kHz, VOUT1, 2 =0.9V
VIN=3.3V, IOUT1, 2 =300mA→100μA
CH1
CH2
0.9V
300mA
4msec/div
CH1: VOUT1, 2, AC-COUPLED, 50mV/div
CH2: IOUT1, 2, 150mA/div
CH1: VOUT1, 2, AC-COUPLED, 20mV/div
CH2: IOUT1, 2, 150mA/div
200μsec/div
FOSC=300kHz, VOUT1, 2 =0.9V
VIN=3.3V, IOUT1, 2 =300mA→100μA
CH1: VOUT1, 2, AC-COUPLED, 20mV/div
CH2: IOUT1, 2, 150mA/div
100μA
100μA
100μA
(17) Load Transient Response (Continued)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com